Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 15Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 16Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 17Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 18Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 19Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 20Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 21Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 22Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID022614 Rev 2
19/25
STOD03AS
Detailed description
25
8.1.5
Enable pin
The device operates when the EN pin is set high. If the EN pin is set low, the device stops
switching, and all the internal blocks are turned off. In this condition the current drawn from
VINP/VINA is below 1 µA in the whole temperature range. In addition, the internal switches
are in an OFF state so the load is electrically disconnected from the input, this avoids
unwanted current leakage from the input to the load.
When the EN is pulled high, the P1B switch is turned on for 100 µs. In normal operation,
during this time, apart of a small drop due to parasitic resistance, VMID reaches VIN.
If, after this 100 µs, VMID stays below VIN, the P1B is turned off and stays off until a new
pulse is applied to the EN. This mechanism avoids the STOD03AS starting if a short-circuit
is present on VMID.
8.1.6
Soft-start and inrush current limiting
After the EN pin is pulled high, or after a suitable voltage is applied to VINP, VINA and EN, the
device initiates the startup phase.
As a first step, the CMID capacitor is charged and the P1B switch implements a current
limiting technique in order to keep the charge current below 400 mA. This avoids the battery
overloading during startup.
After VMID reaches the VINP voltage level, the P1B switch is fully turned on and the soft-start
procedure for the step-up is started. After around 2 ms the soft-start for the inverting is
started. The positive and negative voltages are under regulation at around 6 ms after the
EN pin is asserted high.
8.1.7
Undervoltage lockout
The undervoltage lockout function avoids improper operation of the STOD03AS when the
input voltage is not high enough. When the input voltage is below the UVLO threshold the
device is in shutdown mode. The hysteresis of 50mV avoids unstable operation when the
input voltage is close to the UVLO threshold.
8.1.8
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 140 °C, typical, the device stops operating. As soon as the
temperature falls below 125 °C, typical, normal operation is restored.
8.1.9
Short-circuit protection
When short-circuit occurs, the device is able to detect the voltage difference between VIN
and VMID. Overshoots on LX1 are limited, decreasing the inductor current. After that, the
output stages of the device are turned off. This status is maintained, avoiding current flowing
to the load. A new ENABLE transition is needed to restart the device. During startup the
short-circuit protection is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com