Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 7 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AS21P2THB Datasheet HTML 3Page - STMicroelectronics AS21P2THB Datasheet HTML 4Page - STMicroelectronics AS21P2THB Datasheet HTML 5Page - STMicroelectronics AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics AS21P2THB Datasheet HTML 10Page - STMicroelectronics AS21P2THB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID026023 Rev 1
7/23
AS21P2THB
Electrical characteristics
23
5
Electrical characteristics
Table 6. DC specifications
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level input voltage
1.65 – 1.95
–
0.65 VCC
–
–
0.65VCC
–
V
2.3 – 2.5
1.2
–
–
1.2
–
2.7 – 3.0
1.3
–
–
1.3
–
3.3 – 3.6
1.4
–
–
1.4
–
4.3
1.6
–
–
1.6
–
VIL
Low level input voltage
1.65 – 1.95
–
–
–
0.25
–
0.25
V
2.3 – 2.5
–
–
0.25
–
0.25
2.7 – 3.0
–
–
0.25
–
0.25
3.3 – 3.6
–
–
0.30
–
0.30
4.3
–
–
0.40
–
0.40
VIH-INT
High level input voltage
for INT
4.3
–
2.4
–
–
2.4
–
V
VIL-INT
Low level input voltage
for INT
4.3
–
–
–
0.9
–
0.9
V
VOL-INT
Low level output
voltage for INT
4.3
IO = 4 mA
–
–
0.40
–
0.50
V
RPEAK
Switch ON peak
resistance
1.8
VS = 0 V to VCC
IS = 8 mA
–
15.1 17.8
–
–
2.7
–
6.4
8.0
–
–
3.0
–
5.9
7.5
–
–
3.7
–
5.0
6.5
–
–
4.3
–
4.8
6.1
–
–
RON Switch ON resistance
3.0
VS = 3 V
IS = 8 mA
–4.2
5.4
–
–
3.0
VS = 0.4 V
IS = 8 mA
–5.7
7.0
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com