Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 11 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics AS21P2THB Datasheet HTML 10Page - STMicroelectronics AS21P2THB Datasheet HTML 11Page - STMicroelectronics AS21P2THB Datasheet HTML 12Page - STMicroelectronics AS21P2THB Datasheet HTML 13Page - STMicroelectronics AS21P2THB Datasheet HTML 14Page - STMicroelectronics AS21P2THB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DocID026023 Rev 1
11/23
AS21P2THB
Electrical characteristics
23
Table 9. USB related AC electrical characteristics
Symbol
Parameter
VCC (V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
tSK(0)
Channel-to-
channel skew
3.0 - 3.6 CL = 10 pF
–
26
–
–
–
ps
tSK(P)
Skew of
opposite
transition of the
same output
3.0 - 3.6 CL = 10 pF
–
60
–
–
–
ps
TJ
Total jitter
3.0 - 3.6
RL = 50 
CL = 10 pF
tR = tF =
750 ps
at 480 Mbps
–130
–
–
–
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com