Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 9 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AS21P2THB Datasheet HTML 5Page - STMicroelectronics AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics AS21P2THB Datasheet HTML 10Page - STMicroelectronics AS21P2THB Datasheet HTML 11Page - STMicroelectronics AS21P2THB Datasheet HTML 12Page - STMicroelectronics AS21P2THB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID026023 Rev 1
9/23
AS21P2THB
Electrical characteristics
23
Table 7. AC characteristics (CL = 35 pf, RL: 50 , TR = Tf 5 ns)
Symbol
Parameter
VCC (V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
tPLH, tPHL
Propagation
delay
1.65 - 1.95
–
–0.21
–
–
–
ns
2.3 - 2.7
–
0.15
–
–
–
3.0 - 3.3
–
0.14
–
–
–
3.6 - 4.3
–
0.13
–
–
–
tON
Turn on time
1.65 - 1.95 VS = 0.8 V
–
34
–
–
–
ns
2.3 - 2.7
VS = 1.5 V
–20
23
–
26
3.0 - 3.3
–
15
17
–
20
3.6 - 4.3
–
13
15
–
17
tOFF
Turn off time
1.65 - 1.95 VS = 0.8 V
–
27
–
–
–
ns
2.3 - 2.7
VS = 1.5 V
–19
22
–
25
3.0 - 3.3
–
14
16
–
18
3.6 - 4.3
–
11
13
–
14
tD
Break-before-
make time delay
1.65 - 1.95
CL = 35 pF
RL = 50 
VS = 1.5 V
–10
–
–
–
ns
2.3 - 2.7
–
6
–
–
–
3.0 - 3.3
–
4
–
–
–
3.6 - 4.3
–
3
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com