Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 3 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 3 Page - STMicroelectronics

  AS21P2THB Datasheet HTML 1Page - STMicroelectronics AS21P2THB Datasheet HTML 2Page - STMicroelectronics AS21P2THB Datasheet HTML 3Page - STMicroelectronics AS21P2THB Datasheet HTML 4Page - STMicroelectronics AS21P2THB Datasheet HTML 5Page - STMicroelectronics AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DocID026023 Rev 1
3/23
AS21P2THB
Pin settings
23
1
Pin settings
Figure 1. Pin connection (top through view)
Table 2. Pin description
Pin number
Symbol
Name and function
1
INT
Interrupt
2
VCC
Positive supply voltage
3
SEL
Control
4
2S1
Independent channel for switch 2
5
2S2
Independent channel for switch 2
6
D2
Common channel for switch 2
7
GND
Ground (0 V)
8
D1
Common channel for switch 1
9
1S2
Independent channel for switch 1
10
1S1
Independent channel for switch 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com