Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 1 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 1 Page - STMicroelectronics

  AS21P2THB Datasheet HTML 1Page - STMicroelectronics AS21P2THB Datasheet HTML 2Page - STMicroelectronics AS21P2THB Datasheet HTML 3Page - STMicroelectronics AS21P2THB Datasheet HTML 4Page - STMicroelectronics AS21P2THB Datasheet HTML 5Page - STMicroelectronics AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
March 2014
DocID026023 Rev 1
1/23
AS21P2THB
Low voltage high bandwidth dual single-pole double-throw analog
switch
Datasheet
- production data
Features
 Ultra low power dissipation:
–ICC = 1 A (max.) at TA = 85 °C
 Low “ON” resistance:
–RON = 4.8  (TA = 25 °C) at VCC = 4.3 V
–RON = 5.9  (TA = 25 °C) at VCC = 3.0 V
 Wide operating voltage range:
–VCC (opr.) = 1.65 V to 4.3 V
 4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 2.3 V to 3.0 V
 Typical bandwidth (-3 dB) at 800 MHz on all
channels
 USB (2.0) high speed (480 Mbps) signal
switching compliant
 Integrated fail safe function
 Interrupt function to indicate to the processor
that the device is in dedicated port charging
mode
 Latch-up performance exceeds 500 mA per
JESD 78, Class II
 ESD performance exceeds JESD22:
– Dn pins: 4000-V human body model (A114-
A)
– All other pins: 2000-V human body model
(A114-A)
Applications
 Wearable
 Sport and fitness
 Portable equipment
Description
The AS21P2THB is a high-speed CMOS low
voltage dual analog SPDT (single pole double
throw) switch or 2:1 multiplexer/demultiplexer
switch fabricated in silicon gate C²MOS
technology. It is designed to operate from 1.65 V
to 4.3 V, thus making this device the ideal
selection for portable applications.
The SEL input is provided to control the switch.
The switch nS1 is ON (connected to common
ports Dn) when the SEL input is held high and
OFF (high impedance state exists between the
two ports) when SEL is held low, the switch nS2 is
ON (it is connected to common port Dn) when the
SEL input is held low and OFF (high impedance
state exists between the two ports) when SEL is
held high. AS21P2THB has an integrated fail safe
function to withstand over-voltage condition when
the device is powered off.
The AS21P2THB also has an interrupt pin which
sends a signal to the processor when the device
is in dedicated port charging mode. Additional key
features are fast switching speed, break-before-
make-delay time and ultralow power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
QFN10
(1.8 x 1.4 mm)
Table 1. Device summary
Order code
Package
Packaging
AS21P2THB
QFN10 (1.8 x 1.4 mm)
Tape and reel
www.st.com


Similar Part No. - AS21P2THB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AS21P2TLR STMICROELECTRONICS-AS21P2TLR Datasheet
436Kb / 22P
Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
07-Mar-2014
AS21P2TLRQ STMICROELECTRONICS-AS21P2TLRQ Datasheet
436Kb / 22P
Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
07-Mar-2014
More results

Similar Description - AS21P2THB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267 NXP-NX3L2267 Datasheet
189Kb / 22P
Low-ohmic dual single-pole double-throw analog switch
Rev. 4-8 November 2011
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
NXP Semiconductors
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
NXP Semiconductors
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com