Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 8 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AS21P2THB Datasheet HTML 4Page - STMicroelectronics AS21P2THB Datasheet HTML 5Page - STMicroelectronics AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics AS21P2THB Datasheet HTML 10Page - STMicroelectronics AS21P2THB Datasheet HTML 11Page - STMicroelectronics AS21P2THB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
AS21P2THB
8/23
DocID026023 Rev 1
∆RON
ON resistance match
between channels(1)
1.8
VS at RON max
IS = 8 mA
––
2.7
3.0
0.1
3.7
4.3
RFLAT
ON resistance
flatness(2)
1.8
VS = 0 V to 0.4 V
IS = 8 mA
–4.5
1.8
VS = 0 V to VCC
IS = 8 mA
–9.0
2.7
2.2
3.0
1.8
3.7
1.6
4.3
1.6
IOFF
OFF state leakage
current (Sn), (D)
4.3
VS = 0.3 or 4 V
-20
20
-100
100
nA
IIN
Input leakage current
0 to 4.3
VSEL = 0 to 4.3 V
-0.2
0.2
-1.0
1.0
µ
A
ICC
Quiescent supply
current
1.65 to 4.3
VSEL = VCC or
GND
-0.2
0.2
-1.0
1.0
µ
A
ICCLV
Quiescent supply
current for low voltage
driving
4.3
VSEL = 1.65 V
±37
±50
±100
µ
A
VSEL = 1.80 V
±33
±40
±50
VSEL = 2.60 V
±11
±20
±30
1.
RON = max |mSN-nSN|, where m = 1, 2 and n = 1, 2, N = 1, 2
2. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Table 6. DC specifications (continued)
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com