Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS21P2THB Datasheet(PDF) 10 Page - STMicroelectronics

Part # AS21P2THB
Description  Low voltage high bandwidth dual single-pole double-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS21P2THB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AS21P2THB Datasheet HTML 6Page - STMicroelectronics AS21P2THB Datasheet HTML 7Page - STMicroelectronics AS21P2THB Datasheet HTML 8Page - STMicroelectronics AS21P2THB Datasheet HTML 9Page - STMicroelectronics AS21P2THB Datasheet HTML 10Page - STMicroelectronics AS21P2THB Datasheet HTML 11Page - STMicroelectronics AS21P2THB Datasheet HTML 12Page - STMicroelectronics AS21P2THB Datasheet HTML 13Page - STMicroelectronics AS21P2THB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
AS21P2THB
10/23
DocID026023 Rev 1
Table 8. AC electrical characteristics (CL = 5 pF, RL = 50 , TA = 25 °C)
Symbol
Parameter
VCC (V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
Q
Charge injection
1.65
CL = 100 pF
VGEN = 0 V
RGEN = 0 
–3.9
–
–
–
pC
2.3
–
4.8
–
–
–
3.0
–
5.2
–
–
–
4.3
–
6.4
–
–
–
OIRR
OFF isolation(1)
1.65 – 4.3
VS = 1V RMS,
f = 1 MHz
Signal = 0 dBm
–-78
–
–
–
dB
VS = 1 VRMS,
f = 10 MHz
Signal = 0 dBm
–-57
–
–
–
Xtalk
Crosstalk
1.65 – 4.3
VS = 1 VRMS,
f = 1 MHz
Signal = 0 dBm
–-78
–
–
–
dB
VS = 1VRMS,
f = 10 MHz
Signal = 0 dBm
–-58
–
–
–
BW
-3dB bandwidth
3.0 – 4.3
RL = 50 
Signal = 0 dBm
–800
–
–
–
MHz
CIN
Control pin input
capacitance
VCC = 0 V
–2
––
–
pF
CON
Sn port
capacitance
when switch is
enabled
3.3
f = 240 MHz
–
6
–
–
–
COFF
Sn port
capacitance
when switch is
disabled
3.3
f = 240 MHz
–
2
–
–
–
1. Off isolation = 20 Log10 (VD/VS), VD = output, VS = input to off switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com