Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM9708 Datasheet HTML 1Page - ATMEL Corporation ATSAM9708 Datasheet HTML 2Page - ATMEL Corporation ATSAM9708 Datasheet HTML 3Page - ATMEL Corporation ATSAM9708 Datasheet HTML 4Page - ATMEL Corporation ATSAM9708 Datasheet HTML 5Page - ATMEL Corporation ATSAM9708 Datasheet HTML 6Page - ATMEL Corporation ATSAM9708 Datasheet HTML 7Page - ATMEL Corporation ATSAM9708 Datasheet HTML 8Page - ATMEL Corporation ATSAM9708 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1772D–DRMSD–01/04
Features
• Up to 128-voice Top-quality Wavetable Synthesis Chip
– Two 64-voice RISC DSP Cores
– Two High-speed CISC Control Processors
– Versatile Programmable Digital Audio Routing Between the Two DSPs
• Voices Can Be Allocated for Synthesis and/or Effects and/or Audio Processing
• Maximum Single-shot PCM Wavesize of 4M Samples (93 Seconds @ 44.1 kHz)
• Samples Can Be Stored in 16-bit Floating Point Format (20-bit Dynamic), 16-bit Linear,
8-bit Linear
• Standard Audio Processing Firmware Includes Equalizer, Surround, MPEG Audio
Decoder (Level 2)
• Sophisticated Built-in Cache Memories
– Allows Use of Standard 90 ns 16-bit ROMs/RAMs
– Guarantees Crisp Response Even Under Heavy Traffic Conditions
• GS® Sound Set(1) under License from Roland® Corporation, Other Sound Sets
Available
• 16-channel Audio-in, 16-channel Audio-out @ 22 Bits Audio/Channel
• 28-bit Internal Audio Path
• Two Serial MIDI-In, Two Serial MIDI-Out
• Firmware/Wavetable Data Can Reside in ROM, DRAM, SDRAM
• Up to 256M Bytes of External Memory with Support of SIMM (DRAM) and DIMM
(SDRAM)
• High-speed 16-bit Burst Transfer for Firmware Download or Streaming Audio
• Compatible with ATSAM9707, Uses Proven Design and Development Tools
– Sound Editor, Sound Bank Editor
– Algorithm Compiler, Assembler, Source Debugger
– Direct Development from PC Environment, No Special Emulator Required
• Top Technology
– Single Low-frequency Crystal and Built-in PLL
– 3.3V Supply, 5V-tolerant I/Os
– Space-saving 144-lead TQFP Package
– Power-down Mode
• Typical Applications: Karaokes, High-range Multimedia, Classical Organs, Digital
Pianos, Professional Keyboards, Musical Samplers
Note:
1. The GS Sound Set is subject to special licensing conditions. Not to be used for
musical instruments.
Description
The ATSAM9708 is a 128-voice integrated synthesizer, integrating two PDSP blocks
and a memory management unit (MMU). One PDSP block is a combination of a spe-
cialized 64-slot RISC-based digital signal processor (DSP), a general-purpose 16-bit
CISC-based control processor (P16), a cache memory and an “intelligent” peripheral
I/O interface. Both PDSPs are fully independent and share the same external memory
through the MMU.
Sound
Synthesis
ATSAM9708
128-voice
Integrated
Sound
Synthesizer


Similar Part No. - ATSAM9708

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9708 ATMEL-ATSAM9708 Datasheet
431Kb / 31P
128-voice Integrated Sound Synthesizer
ATSAM9708 ATMEL-ATSAM9708_06 Datasheet
431Kb / 31P
128-voice Integrated Sound Synthesizer
More results

Similar Description - ATSAM9708

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9703 ATMEL-ATSAM9703 Datasheet
126Kb / 16P
Sound Synthesis
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
Sound Synthesis Single-chip Music System
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
ATMEL Corporation
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
Sound Synthesis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com