Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 6Page - ATMEL Corporation ATSAM9708 Datasheet HTML 7Page - ATMEL Corporation ATSAM9708 Datasheet HTML 8Page - ATMEL Corporation ATSAM9708 Datasheet HTML 9Page - ATMEL Corporation ATSAM9708 Datasheet HTML 10Page - ATMEL Corporation ATSAM9708 Datasheet HTML 11Page - ATMEL Corporation ATSAM9708 Datasheet HTML 12Page - ATMEL Corporation ATSAM9708 Datasheet HTML 13Page - ATMEL Corporation ATSAM9708 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
ATSAM9708
1772D–DRMSD–01/04
The PDSP#1 responds on addresses 0 to 3 (A2A1A0 = 0XX), while PDSP#2 responds
on addresses 4 to 7 (A2A1A0 = 1XX).
Each PDSP parallel interface supports a byte-wide I/O interface and a 16-bit port dedi-
cated to burst transfers.
The byte-wide I/O interface is normally used to implement a MPU-401 UART-mode
compatible interface. It is specified by address A1A0 = 0X, address 00 being the data
register, address 01 being the status/control registers. Besides the standard two status
bits of the MPU-401, two additional bits are provided to expand the MPU-401 protocol.
Address A1A0 = 10 specifies a 16-bit I/O port. It is mainly used for burst audio transfers
to/from the PC using very efficient PC instructions like REP OUTSW or REP INSW
which operate at maximum ISA bus bandwidth. This port may also be used for fast pro-
gram or sound bank uploads.
DSP Cache RAM
The memory management unit (MMU) allows external ROM and/or RAM memory
resources to be shared between the two DSPs and the two P16 control processors. This
allows a single device (i.e., DRAM) to serve as sample memory storage/delay lines for
the DSPs and as program storage/data memory for the P16 control processors.
The DSP cache RAM allows a dramatic reduction in the traffic with the external
ROM/RAM, allowing use of standard 90 ns ROM parts with sampling frequencies up to
48 kHz. Average access request rate to external memory is only one for every two
frames for each slot, which gives 64 accesses per synthesis frame. The MMU can pro-
vide up to 169 memory accesses per frame, which leaves over 100 accesses free per
frame to be used by the P16 processors. This means that under full 128-voice polyph-
ony traffic conditions, each P16 instruction average execution time is around 400 ns at
48 kHz sampling frequency.
128-voice polyphony can be assured only when all samples are played at nominal fre-
quency or down-transposed. Simultaneously playing a large number of up-transposed
samples can adversely affect polyphony. For more details of possible polyphony for a
given application, please refer to the application note “ATSAM9708 Memory Manage-
ment Unit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com