Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 20Page - ATMEL Corporation ATSAM9708 Datasheet HTML 21Page - ATMEL Corporation ATSAM9708 Datasheet HTML 22Page - ATMEL Corporation ATSAM9708 Datasheet HTML 23Page - ATMEL Corporation ATSAM9708 Datasheet HTML 24Page - ATMEL Corporation ATSAM9708 Datasheet HTML 25Page - ATMEL Corporation ATSAM9708 Datasheet HTML 26Page - ATMEL Corporation ATSAM9708 Datasheet HTML 27Page - ATMEL Corporation ATSAM9708 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24
ATSAM9708
1772D–DRMSD–01/04
Audio Routing
Each PDSP can process eight digital audio inputs and generate eight digital audio out-
puts for a total of 16 digital audio-in and 16 digital audio-out.
The eight outputs from DSP#2 can be individually routed on DSP#1 inputs.
Figure 19. Audio Routing
MIDI Routing
T he d e fa ult conf igur at ion a ssigns M I DI 1_I N/ MID I 1_ O U T to PDSP#1 and
MIDI2_IN/MIDI2_OUT to PDSP#2.
Alternatively, MIDI1_IN can be routed as the same MIDI input to both PDSPs. In this
case, the MIDI2_IN is available as a general-purpose input.
Also, if the MIDI2_OUT is not necessary, it can be defined as a general-purpose output.
General-purpose
Input/Output Routing
MIDI2_IN, MIDI2_OUT, SD_IN[7, 6, 5, 3, 2, 1, 0] and SD_OUT[7:1] pins can be individ-
ually routed as general-purpose inputs or outputs as identified in Table 17.
PDSP#1
PDSP#2
SD_IN[7:4]
SD_IN[3:0]
SD_OUT[3:0]
SD_OUT[7:4]
Table 17. General-purpose Input/Output Routing
GPIO
Pin
GPIO_OUT[0] DSP#1
MIDI2_OUT
GPIO_OUT[1] DSP#1
SD_OUT[1]
GPIO_OUT[2] DSP#1
SD_OUT[2]
GPIO_OUT[3] DSP#1
SD_OUT[3]
GPIO_OUT[4] DSP#1
SD_IN[0]
GPIO_OUT[5] DSP#1
SD_IN[1]
GPIO_OUT[6] DSP#1
SD_IN[2]
GPIO_OUT[7] DSP#1
SD_IN[3]
GPIO_OUT[0] DSP#2
SD_OUT[4]
GPIO_OUT[1] DSP#2
SD_OUT[5]
GPIO_OUT[2] DSP#2
SD_OUT[6]
GPIO_OUT[3] DSP#2
SD_OUT[7]
GPIO_OUT[4] DSP#2
MIDI2_IN
GPIO_OUT[5] DSP#2
SD_IN[5]
GPIO_OUT[6] DSP#2
SD_IN[6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com