Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 10Page - ATMEL Corporation ATSAM9708 Datasheet HTML 11Page - ATMEL Corporation ATSAM9708 Datasheet HTML 12Page - ATMEL Corporation ATSAM9708 Datasheet HTML 13Page - ATMEL Corporation ATSAM9708 Datasheet HTML 14Page - ATMEL Corporation ATSAM9708 Datasheet HTML 15Page - ATMEL Corporation ATSAM9708 Datasheet HTML 16Page - ATMEL Corporation ATSAM9708 Datasheet HTML 17Page - ATMEL Corporation ATSAM9708 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
ATSAM9708
1772D–DRMSD–01/04
External Memory Timing
Overview
One memory cycle consists of six internal master clock cycles (6 x tCK). The internal
master clock period is one-fourth of the clock period at X1. The internal master clock is
provided at pin CK_OUT when external SDRAM is connected (RAS sensed high during
RESET).
Basic notes on SDRAM timing:
•
RESET should be held low at least 100 µs (SDRAM timing requirement on idle
cycles)
•
SDRAM mode is fixed to sequential, burst length = 1, CAS latency 2, standard
operation, programmed write burst length.
•
SDRAM cycles for read: NOP - ACTIVE - NOP - READ AUTO PRECHARGE - NOP
- NOP.
•
SDRAM cycles for write: NOP - ACTIVE - NOP - WRITE AUTO PRECHARGE -
NOP - NOP
•
SDRAM cycles for refresh: NOP - AUTO REFRESH - NOP - NOP - NOP - NOP
Figure 5. ROM and SRAM Basic Timing, DRAM = Low
012345
012345
0
12345
0
1
CK_OUT
WA[26:0]
WOE
WWE
RBS
WD
[15:0]
ROM/SRAM16 READ
SRAM16 WRITE
SRAM8 WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com