Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 22Page - ATMEL Corporation ATSAM9708 Datasheet HTML 23Page - ATMEL Corporation ATSAM9708 Datasheet HTML 24Page - ATMEL Corporation ATSAM9708 Datasheet HTML 25Page - ATMEL Corporation ATSAM9708 Datasheet HTML 26Page - ATMEL Corporation ATSAM9708 Datasheet HTML 27Page - ATMEL Corporation ATSAM9708 Datasheet HTML 28Page - ATMEL Corporation ATSAM9708 Datasheet HTML 29Page - ATMEL Corporation ATSAM9708 Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
ATSAM9708
1772D–DRMSD–01/04
to 01FFH into the external DRAM space. The bootstrap then resumes control at
address 0100H.
•If PDWN is asserted low, then all I/Os and outputs will be floated and the crystal
oscillator and PLL will be stopped. The chip enters a deep power-down sleep mode.
To exit power down, PDWN has to be asserted high, then RESET applied.
Memory Type
Configuration and
Boot Configuration
At the end of power-up, when RESET input goes from low to high, RAS, CAS and
REFRESH pins are sampled by the ATSAM9708 to determine memory type configura-
tion and boot type. RAS, CAS and REFRESH must be pulled to V
CC or GND through an
external 10K resistor to select these different power-up configurations.
One memory type can be used for low pages (addresses [0-8000000h], AD[27] = 0) and
a different type for high pages (addresses [8000000h-10000000h]).
Memory types allowed are Flash/ROM, SRAM, DRAM or SDRAM.
When using RAM (SRAM, DRAM or SDRAM) in low page, P16 must start in bootstrap
state. When in bootstrap state, P16 program execution starts at address 0. If not in boot-
strap, program execution starts at address 100h. Bootstrap is selected via the
REFRESH pin.
Note:
1. When accessing DRAM or SDRAM, DRAM/SDRAM is selected by signals RAS and CAS (WCS0 and WCS1 are inactive)
and addresses are time-multiplexed on WA[..] pins as follows:
• WA0 - WA8: DRA0 - DRA8
• WA18: DRA9
• WA20: DRA10
• WA22: DRA11
When accessing SRAM, Flash or ROM, SRAM/Flash/ROM are selected by signals WCS0, WCS1 (RAS and CAS are inac-
tive) and WA[26:0] address pins:
• if low pages: WCS0 = 0, WCS1 = 1
• if high pages: WCS0 = 1, WCS1 = 0
Table 18. Memory Type and Boot Configuration
Pin Level Detected at Reset
Low Page
High Page
REFRESH
RAS
CAS
Memory Type
Selected by
Memory Type
Selected by
Stand-alone Mode
Low
Low
Low
Flash/ROM
WCS0
SRAM
WCS1
Low
Low
High
Flash/ROM
WCS0
DRAM
RAS, CAS
Low
High
Low
Flash/ROM
WCS0
SDRAM
RAS, CAS
Low
High
High
Flash/ROM
WCS0
Selected by firmware
Bootstrap Mode
High
Low
Low
SRAM
WCS0
Flash/ROM
WCS1
High
Low
High
DRAM
RAS, CAS
Flash/ROM
WCS1
High
High
X
SDRAM
RAS, CAS
Flash/ROM
WCS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com