Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 14Page - ATMEL Corporation ATSAM9708 Datasheet HTML 15Page - ATMEL Corporation ATSAM9708 Datasheet HTML 16Page - ATMEL Corporation ATSAM9708 Datasheet HTML 17Page - ATMEL Corporation ATSAM9708 Datasheet HTML 18Page - ATMEL Corporation ATSAM9708 Datasheet HTML 19Page - ATMEL Corporation ATSAM9708 Datasheet HTML 20Page - ATMEL Corporation ATSAM9708 Datasheet HTML 21Page - ATMEL Corporation ATSAM9708 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
ATSAM9708
1772D–DRMSD–01/04
Figure 11. Refresh Cycle (RAS Only)
Note:
1. See Table 11 on page 16.
The following points should be noted:
•
The multiplexed CAS, RAS addressing can support memory DRAM chips up to 16 Mbits x N as long as the number of
row address lines and column address lines are identical. For example, device type 416C1200 is supported because it
is a 1M x 16 organization with 10-bit row and 10-bit column. Device type 416C1000 is not supported because it is a 1M
x 16 organization with 12-bit row and 8-bit column.
•
The signal WOE is normally not used for DRAM connection. It is represented only for reference purposes.
tRC
tRAS
tRP
tASR
tRAH
RAS
counter
(1)
DRA[11:0]
Table 12. External DRAM Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
RC
Read/Write/Refresh cycle
6 x t
CK
ns
t
RAC
Access time from RAS
5 x t
CK - 5
ns
t
CAC
Access time from CAS
3 x t
CK - 5
ns
t
OFF
CAS high to output Hi-Z
2 x t
CK - 5
ns
t
RP
RAS precharge time
2 x t
CK
ns
t
RAS
RAS pulse width
4 x t
CK - 5
ns
t
CAS
CAS pulse width
3 x t
CK - 5
ns
t
RCD
RAS to CAS delay time
2 x t
CK
ns
t
CRP
CAS to RAS precharge time
2 x t
CK - 5
ns
t
ASR
Row address setup time
t
CK - 5
ns
t
RAH
Row address hold time
t
CK - 5
ns
t
ASC
Column address setup time
t
CK - 5
ns
t
CAH
Column address hold time
3 x t
CK - 5
ns
t
WCS
Write command set-up time
2 x t
CK
ns
t
WCH
Write command hold time
3 x t
CK
ns
t
DS
Write data set-up time
2 x t
CK
ns
t
DH
Write data hold time
3 x t
CK
ns
Refresh counter average period
(12-bit counter)
512 x t
CK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com