Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9708 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9708 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATSAM9708 Datasheet HTML 18Page - ATMEL Corporation ATSAM9708 Datasheet HTML 19Page - ATMEL Corporation ATSAM9708 Datasheet HTML 20Page - ATMEL Corporation ATSAM9708 Datasheet HTML 21Page - ATMEL Corporation ATSAM9708 Datasheet HTML 22Page - ATMEL Corporation ATSAM9708 Datasheet HTML 23Page - ATMEL Corporation ATSAM9708 Datasheet HTML 24Page - ATMEL Corporation ATSAM9708 Datasheet HTML 25Page - ATMEL Corporation ATSAM9708 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
ATSAM9708
1772D–DRMSD–01/04
Figure 16. 8-bit SRAM Write Cycle
tWC
tCSWE
tWP
WA[26:0]
WD[7:0]
WCS1
WOE
WWE
LOW
HIGH
RBS
tWP
tAS
tDW1 tDH1
tDW2
tDH2
Table 15. External 8-bit SRAM Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
RC
Word (2 x bytes) read cycle time
6 x t
CK
ns
t
CSOE
Chip select low/address valid to WOE low
t
CK
ns
t
POE
Output enable pulse width
5 x t
CK
ns
t
ACE
Chip select/address low byte access time
3 x t
CK - 5
ns
t
OE
Output enable low byte access time
2 x t
CK - 5
ns
t
ORB
Output enable low to byte select high
2 x t
CK
ns
t
ACH
Byte select high byte access time
3 x t
CK - 5
ns
t
DF
Chip select or WOE high to input data
High Z
0t
CK - 5
ns
t
WC
Word (2 x bytes) write cycle time
6 x t
CK
ns
t
CSWE
1st WWE low from CS or Address or WOE
t
ck - 10
ns
t
WP
Write (low and high byte) pulse width
1.5 x t
CK
ns
t
DW1
Data out low byte setup time
1.5 x t
CK - 10
ns
t
DH1
Data out low byte hold time
10
ns
t
AS
RBS high to second write pulse
t
CK - 5
ns
t
DW2
Data out high byte setup time
2.5 x t
CK - 10
ns
t
DH2
Data out high byte hold time
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com