Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 1 Page - Texas Instruments

  TMS29LF040 Datasheet HTML 1Page - Texas Instruments TMS29LF040 Datasheet HTML 2Page - Texas Instruments TMS29LF040 Datasheet HTML 3Page - Texas Instruments TMS29LF040 Datasheet HTML 4Page - Texas Instruments TMS29LF040 Datasheet HTML 5Page - Texas Instruments TMS29LF040 Datasheet HTML 6Page - Texas Instruments TMS29LF040 Datasheet HTML 7Page - Texas Instruments TMS29LF040 Datasheet HTML 8Page - Texas Instruments TMS29LF040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Single Power Supply
3.3 V
± 0.3 V – TMS29LF040
2.7 V to 3.6 V – TMS29VF040
5 V
± 10% – See TMS29F040 Data sheet
(Literature Number SMJS820)
D Organization...524288 By 8 Bits
D Eight Equal Sectors of 64K Bytes
– Any Combination of Sectors Can Be
Erased
– Any Combination of Sectors Can Be
Marked as Read-Only
D Compatible With JEDEC Electrically
Erasable Programmable Read-Only
Memory (EEPROM) Command Set
D Fully Automated On-Chip Erase and
Byte-Program Operations
D 100000 Program/Erase Cycles
D Erase-Suspend/Erase-Resume Operation
D Compatible With JEDEC Byte-Wide Pinouts
D Low-Current Consumption
– Active Read...20 mA Typical
– Active Program / Erase . . . 30 mA Typical
D All Inputs/Outputs CMOS-Compatible Only
description
The TMS29LF040 and TMS29VF040 are 524 288 by 8-bit (4 194 304-bit), low-voltage, single-supply,
programmable read-only memories that can be erased electrically and reprogrammed. These devices are
organized as eight independent 64K-byte sectors and are offered with access times between 80 ns and
150 ns.
An on-chip state machine controls the program and erase operations. The embedded-byte program and
sector / chip-erase functions are fully automatic. The command set is compatible with that of JEDEC 4M-bit
EEPROMs. A suspend / resume feature allows access to unaltered memory sectors during a sector-erase
operation. Data protection of any sector combination is accomplished using a hardware sector-protection
feature.
Device operations are selected by writing JEDEC-standard commands into the command register using
standard microprocessor-write timings. The command register acts as input to an internal state machine that
interprets the commands, controls the erase and programming operations, and outputs the status of the device,
the data stored in the device, and the device algorithm-selection code. On initial power-up operation, the device
defaults to the read mode.
The TMS29xF040 is offered in a 32-pin 8 x 14 mm thin small-outline package (DBW suffix), a 32-pin
8 x 20 mm thin small-outline package (DD suffix), and a 32-pin plastic leaded chip carrier (FM suffix) using
1.27 mm (50-mil) lead pitch.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A[0:18]
Address Inputs
DQ[0:7]
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
VCC
Power Supply
V
SS
Ground
W
Write Enable
PIN NOMENCLATURE
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS29LF040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29LF040 TI-TMS29LF040 Datasheet
486Kb / 38P
524288 BY 8-BIT FLASH MEMORIES
TMS29LF040-10C5DDE TI-TMS29LF040-10C5DDE Datasheet
486Kb / 38P
524288 BY 8-BIT FLASH MEMORIES
TMS29LF040-10C5DDL TI-TMS29LF040-10C5DDL Datasheet
486Kb / 38P
524288 BY 8-BIT FLASH MEMORIES
TMS29LF040-10C5FME TI-TMS29LF040-10C5FME Datasheet
486Kb / 38P
524288 BY 8-BIT FLASH MEMORIES
TMS29LF040-10C5FML TI-TMS29LF040-10C5FML Datasheet
486Kb / 38P
524288 BY 8-BIT FLASH MEMORIES
More results

Similar Description - TMS29LF040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
524288 BY 8-BIT FLASH MEMORY
TMS29LF040 TI-TMS29LF040_08 Datasheet
486Kb / 38P
524288 BY 8-BIT FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
262144 BY 8-BIT FLASH MEMORIES
TMS29F008B TI1-TMS29F008B Datasheet
571Kb / 44P
1048576 BY 8-BIT FLASH MEMORIES
TMS29LF008B TI1-TMS29LF008B Datasheet
551Kb / 43P
1048576 BY 8-BIT FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com