Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS29LF040 Datasheet HTML 12Page - Texas Instruments TMS29LF040 Datasheet HTML 13Page - Texas Instruments TMS29LF040 Datasheet HTML 14Page - Texas Instruments TMS29LF040 Datasheet HTML 15Page - Texas Instruments TMS29LF040 Datasheet HTML 16Page - Texas Instruments TMS29LF040 Datasheet HTML 17Page - Texas Instruments TMS29LF040 Datasheet HTML 18Page - Texas Instruments TMS29LF040 Datasheet HTML 19Page - Texas Instruments TMS29LF040 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements controlled by W (see Figure 4, Figure 7, Figure 9, Figure 11, Figure 13,
Figure 15, and Figure 17) (continued)
ALTERNATE
SYMBOL
’29LF040-12
’29VF040-12
’29LF040-15
’29VF040-15
UNIT
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
tAVAV
Cycle time, write
tc(W)
120
150
ns
tWHWH1
Cycle time, programming operation
tc(W)PR
20
20
µs
tWHWH2
Cycle time, sector-erase operation
2
30
2
30
s
tWHWH3
Cycle time, chip-erase operation
14
120
14
120
s
tWLAX
Hold time, address
th(A)
50
50
ns
tWHDX
Hold time, data valid after W high
th(D)
0
0
ns
tWHEH
Hold time, E
th(E)
0
0
ns
tWHWL
Pulse duration, W high
tw(WH)
20
20
ns
tWLWH1
Pulse duration, W low
tw(WL)
50
50
ns
tWLWH2
Pulse duration, W low (see Note 7)
100
100
µs
tWLWH3
Pulse duration, W low (see Note 8)
10
10
ms
tGHWL
Recovery time, read before write
trec(R)
0
0
ns
tAVWL
Setup time, address
tsu(A)
0
0
ns
tDVWH
Setup time, data
tsu(D)
50
50
ns
tAVGH
Setup time, A0 and A6 low and A1 high to G high
(see Note 7)
0
0
ns
tAVGEH
Setup time, A0 low and A1 high to G and E high
(see Note 8)
0
0
ns
tELWL
Setup time, E
tsu(E)
0
0
ns
tGHWH
Setup time, G
0
0
ns
tVCEL
Setup time, VCC
50
50
µs
tEHVWL
Setup time, E VID to W (see Note 8)
4
4
µs
tGHVWL
Setup time, G VID to W (see Notes 7 and 8)
4
4
µs
tHVT
Transition time, VID (see Notes 7 and 8)
4
4
µs
NOTES:
7. Sector-protect timing (see Figure 15)
8. Sector-unprotect timing (see Figure 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com