Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS29LF040 Datasheet HTML 13Page - Texas Instruments TMS29LF040 Datasheet HTML 14Page - Texas Instruments TMS29LF040 Datasheet HTML 15Page - Texas Instruments TMS29LF040 Datasheet HTML 16Page - Texas Instruments TMS29LF040 Datasheet HTML 17Page - Texas Instruments TMS29LF040 Datasheet HTML 18Page - Texas Instruments TMS29LF040 Datasheet HTML 19Page - Texas Instruments TMS29LF040 Datasheet HTML 20Page - Texas Instruments TMS29LF040 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements controlled by E (see Figure 5)
ALTERNATE
SYMBOL
’29LF040-80
’29LF040-90
’29LF040-10
’29VF040-10
UNIT
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tAVAV
Cycle time, write
tc(W)
80
90
100
ns
tEHEH1
Cycle time, programming
operation
20
20
20
µs
tEHEH2
Cycle time, sector-erase
operation (see Note 9)
2
30
2
30
2
30
s
tEHEH3
Cycle time, chip-erase
operation (see Note 10)
14
120
14
120
14
120
s
tELAX
Hold time, address
th(A)
45
45
45
ns
tEHDX
Hold time, data
th(D)
0
0
0
ns
tEHWH
Hold time, W
th(W)
0
0
0
ns
tELEH
Pulse duration, E low
tw(EL)
35
45
45
ns
tEHEL
Pulse duration, E high
tw(EH)
20
20
20
ns
tGHEL
Recovery time, read
before write
trec(R)
0
0
0
ns
tAVEL
Setup time, address
tsu(A)
0
0
0
ns
tDVEH
Setup time, data
tsu(D)
35
45
45
ns
tWLEL
Setup time, W
tsu(W)
0
0
0
ns
ALTERNATE
SYMBOL
’29LF040-12
’29VF040-12
’29LF040-15
’29VF040-15
UNIT
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
tAVAV
Cycle time, write
tc(W)
120
150
ns
tEHEH1
Cycle time, programming operation
20
20
µs
tEHEH2
Cycle time, sector-erase operation (see Note 9)
2
30
2
30
s
tEHEH3
Cycle time, chip-erase operation (see Note 10)
14
120
14
120
s
tELAX
Hold time, address
th(A)
50
50
ns
tEHDX
Hold time, data
th(D)
0
0
ns
tEHWH
Hold time, W
th(W)
0
0
ns
tELEH
Pulse duration, E low
tw(EL)
50
50
ns
tEHEL
Pulse duration, E high
tw(EH)
20
20
ns
tGHEL
Recovery time, read before write
trec(R)
0
0
ns
tAVEL
Setup time, address
tsu(A)
0
0
ns
tDVEH
Setup time, data
tsu(D)
50
50
ns
tWLEL
Setup time, W
tsu(W)
0
0
ns
NOTES:
9. Timing diagram of E-controlled sector-erase operation not enclosed.
10. Timing diagram of E-controlled chip-erase operation not enclosed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com