Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS29LF040 Datasheet HTML 10Page - Texas Instruments TMS29LF040 Datasheet HTML 11Page - Texas Instruments TMS29LF040 Datasheet HTML 12Page - Texas Instruments TMS29LF040 Datasheet HTML 13Page - Texas Instruments TMS29LF040 Datasheet HTML 14Page - Texas Instruments TMS29LF040 Datasheet HTML 15Page - Texas Instruments TMS29LF040 Datasheet HTML 16Page - Texas Instruments TMS29LF040 Datasheet HTML 17Page - Texas Instruments TMS29LF040 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and ambient temperature,
read-only operation† (see Figure 2, Figure 11, Figure 13, Figure 15, and Figure 17)
PARAMETER
ALTERNATE
SYMBOL
’29LF040-80
’29LF040-90
’29LF040-10
’29VF040-10
UNIT
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
tAVQV
Access time, address
ta(A)
80
90
100
ns
tELQV
Access time, E
ta(E)
80
90
100
ns
tGLQV
Access time, G
ta(G)
35
40
45
ns
tAVAV
Cycle time, read
tc(R)
80
90
100
ns
tEHQZ
Disable time, E to high impedance
tdis(E)
20
20
30
ns
tGHQZ
Disable time, G to high impedance
tdis(G)
20
20
30
ns
tAXQX
Hold time, output from address, E or G change
th(D)
0
0
0
ns
tWHGL1 Hold time, G read
0
0
0
ns
tWHGL2 Hold time, G toggle and data polling
10
10
10
ns
PARAMETER
ALTERNATE
SYMBOL
’29LF040-12
’29VF040-12
’29LF040-15
’29VF040-15
UNIT
SYMBOL
MIN
MAX
MIN
MAX
tAVQV
Access time, address
ta(A)
120
150
ns
tELQV
Access time, E
ta(E)
120
150
ns
tGLQV
Access time, G
ta(G)
50
55
ns
tAVAV
Cycle time, read
tc(R)
120
150
ns
tEHQZ
Disable time, E to high impedance
tdis(E)
30
35
ns
tGHQZ
Disable time, G to high impedance
tdis(G)
30
35
ns
tAXQX
Hold time, output from address, E or G change
th(D)
0
0
ns
tWHGL1 Hold time, G read
0
0
ns
tWHGL2 Hold time, G toggle and data polling
10
10
ns
† See Figure 1 for ac test output load circuit and voltage waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com