Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS29LF040 Datasheet HTML 9Page - Texas Instruments TMS29LF040 Datasheet HTML 10Page - Texas Instruments TMS29LF040 Datasheet HTML 11Page - Texas Instruments TMS29LF040 Datasheet HTML 12Page - Texas Instruments TMS29LF040 Datasheet HTML 13Page - Texas Instruments TMS29LF040 Datasheet HTML 14Page - Texas Instruments TMS29LF040 Datasheet HTML 15Page - Texas Instruments TMS29LF040 Datasheet HTML 16Page - Texas Instruments TMS29LF040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical dc characteristics over recommended ranges of supply voltage and ambient
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level dc input voltage
CMOS
0.7 * VCC
VCC + 0.3
V
VIL
Low-level dc input voltage
CMOS
– 0.5
0.8
V
VID
Algorithm-selection and sector-protect/unprotect
input voltage
VCC = 3.3 V
11.5
12.5
V
VOH
High level dc output voltage
CMOS
VCC =VCC MIN†
IOH = – 2.0 mA
0.85 * VCC
V
VOH
High-level dc output voltage
CMOS
VCC =VCC MIN
IOH = – 100 µA
VCC – 0.4
V
VOL
Low-level dc output voltage
(see Note 4)
CMOS
VCC =VCC MIN
IOL = 4.0 mA
0.45
V
II
Input current (leakage)
VCC =VCC MAX
VI =VSS to VCC
±1
µA
IO
Output current (leakage)
VCC =VCC MAX
VO =VSS to VCC
±1
µA
IID
High-voltage load current
VCC =VCC MAX
A9 = 12.5 V
50
µA
ICC1
VCC active current (see Note 5)
E = VIL,G = VIH
40
mA
ICC2
VCC active current (see Notes 6)
E = VIL,G = VIH
60
mA
ICC3
VCC supply current
(standby)
CMOS-input level
VCC = VCC MAX
E = VCC ± 0.3 V
100
µA
† See the recommended operating conditions table.
NOTES:
4. 5.8-mA IOL also available
5. ICC current in the read mode, switching at 6 MHz, IOUT = 0 mA
6. ICC current while erase or program operation is in progress
capacitance over recommended ranges of supply voltage and ambient temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ci1
Input capacitance (All inputs except A9, E, G)
VI = 0 V, f = 1 MHz
7.5
pF
Ci2
Input capacitance (A9, E, G)
VI = 0 V, f = 1 MHz
9
pF
Co
Output capacitance
VO = 0 V, f = 1 MHz
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com