Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS29LF040 Datasheet HTML 5Page - Texas Instruments TMS29LF040 Datasheet HTML 6Page - Texas Instruments TMS29LF040 Datasheet HTML 7Page - Texas Instruments TMS29LF040 Datasheet HTML 8Page - Texas Instruments TMS29LF040 Datasheet HTML 9Page - Texas Instruments TMS29LF040 Datasheet HTML 10Page - Texas Instruments TMS29LF040 Datasheet HTML 11Page - Texas Instruments TMS29LF040 Datasheet HTML 12Page - Texas Instruments TMS29LF040 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
erase-suspend command
The erase-suspend command (B0h) allows interruption of a sector-erase operation to read data from unaltered
sectors of the device. Erase-suspend is a one-bus-cycle command. The addresses can be VIL or VIH and the
erase-suspend command (B0h) is latched on the rising edge of W. Once the sector-erase operation is in
progress, the erase-suspend command requests the internal write-state machine to halt operation at
predetermined breakpoints. The erase-suspend command is valid only during the sector-erase operation and
is invalid during the byte-programming and chip-erase operations. The sector-erase delay timer expires
immediately if the erase-suspend command is issued while the delay is active.
After the erase-suspend command is issued, the device typically takes between 0.1
µs and 15 µs to suspend
the operation. The toggle bit must be monitored to determine when the suspend has been executed. When the
toggle bit stops toggling, data can be read from sectors that are not selected for erase. Reading from a sector
selected for erase can result in invalid data. See the operation status section for a full description.
Once the sector-erase operation is suspended, further writes of the erase-suspend command are ignored. The
erase-resume command (30h) causes the device to restart the suspended sector operation. To erase additional
sectors, reissue the six-cycle sector-erase command sequence. Any other command sequence written while
in suspend mode causes the device to reset to the read mode.
erase-resume command
The erase-resume command (30h) restarts a suspended sector-erase operation from where it was halted to
completion. Erase resume is a one-bus-cycle command. The addresses can be VIL or VIH and the erase-resume
command (30h) is latched on the rising edge of W. When an erase-suspend/erase-resume command
combination is written, the internal pulse counter is reset to zero and the exceed-timing-limit indicator (DQ5)
is set to logic-low. The erase-resume command is valid only in the erase-suspend state. After the erase-resume
command is executed, the device returns to the valid sector-erase state and further writes of the erase-resume
command are ignored. After the device has resumed the sector-erase operation, another erase-suspend
command can be issued to the device.
operation status
status-bit definitions
During operation of the embedded program and erase functions, the status of the device can be determined
by reading the data state of designated outputs. The data-polling bit (DQ7) and toggle bit (DQ6) require multiple
successive reads to observe a change in the state of the designated output. Table 4 defines the values of the
status flags.
Table 4. Operation Status Flags†
Device Operation‡
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Byte-programming in progress
DQ7
T
0
X
0
X
X
X
Byte-programming exceed time limit
DQ7
T
1
X
0
X
X
X
Byte-programming complete
D
D
D
D
D
D
D
D
Sector- / chip-erase in progress
0
T
0
X
1
X
X
X
Sector- / chip-erase exceed time limit
0
T
1
X
1
X
X
X
Sector- / chip-erase complete
1
1
1
1
1
1
1
1
† T= toggle, D = data, X = data undefined, DQ7 = complement of data written to DQ7
‡ DQ4, DQ2, DQ1, and DQ0 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com