Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS29LF040 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 2 Page - Texas Instruments

  TMS29LF040 Datasheet HTML 1Page - Texas Instruments TMS29LF040 Datasheet HTML 2Page - Texas Instruments TMS29LF040 Datasheet HTML 3Page - Texas Instruments TMS29LF040 Datasheet HTML 4Page - Texas Instruments TMS29LF040 Datasheet HTML 5Page - Texas Instruments TMS29LF040 Datasheet HTML 6Page - Texas Instruments TMS29LF040 Datasheet HTML 7Page - Texas Instruments TMS29LF040 Datasheet HTML 8Page - Texas Instruments TMS29LF040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8-BIT
FLASH MEMORIES
SMJS825D – SEPTEMBER 1995 – REVISED JUNE 1998
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
W
VCC
A18
A16
A15
A12
A7
A6
A5
A4
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
DBW and DD PACKAGES
( TOP VIEW )
device symbol nomenclature
Temperature Range Designator
L
= Commercial (0
°C to 70°C)
E
= Extended ( – 40
°C to 85°C)
Package Designator
DD
= Thin Small-Outline Package
(8
× 20 mm)
DBW = Thin Small-Outline Package
(8
× 14 mm)
FM
= Plastic Leaded Chip Carrier
Program / Erase Endurance
C5 = 100 000 Cycles
Speed Designator
’LF040
’VF040
-80 = 80 ns
-10 = 100 ns
-90 = 90 ns
-12 = 120 ns
-10 = 100 ns
-15 = 150 ns
-12 = 120 ns
-15 = 150 ns
-10
C5
DBW
L
TMS29LF040
VCC Range Designator
L = 3.3 V
± 0.3 V VCC (Low Voltage)
V = 2.7 V – 3.6 V VCC (Very Low Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com