Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 15 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 11Page - ATMEL Corporation TS8388BCFS Datasheet HTML 12Page - ATMEL Corporation TS8388BCFS Datasheet HTML 13Page - ATMEL Corporation TS8388BCFS Datasheet HTML 14Page - ATMEL Corporation TS8388BCFS Datasheet HTML 15Page - ATMEL Corporation TS8388BCFS Datasheet HTML 16Page - ATMEL Corporation TS8388BCFS Datasheet HTML 17Page - ATMEL Corporation TS8388BCFS Datasheet HTML 18Page - ATMEL Corporation TS8388BCFS Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
15
TS8388B
2144C–BDC–04/03
Notes:
1. Following pin numbers 37 (CLK), 40 (CLKB), 54 (V
IN) and 57 (VINB) have to be connected to GND through a 50Ω resistor as
close as possible to the package (50
Ω termination preferred option).
2. The common mode level of the output buffers is 1.2V below the positive digital supply.
For ECL compatibility the positive digital supply must be set at 0V (ground).
For LVDS compatibility (output common mode at +1.2V) the positive digital supply must be set at 2.4V.
If the subsequent LVDS circuitry can withstand a lower level for input common mode, it is recommended to lower the posi-
tive digital supply level in the same proportion in order to spare power dissipation.
Table 8. TS8388BF/TS8388BFS Pin Description (CQFP68 package)
Symbol
Pin number
Function
GND
5, 13, 27, 28, 34, 35, 36, 41, 42, 43, 50, 51,
52, 53, 58, 59
Ground pins.
To be connected to external ground plane.
VPLUSD
1, 2, 16, 17, 18, 68
Digital positive supply (0V for ECL compatibility, 2.4V for
LVDS compatibility).(2)
V
CC
26, 29, 32, 33, 46, 47, 61
+5V positive supply.
VEE
30, 31, 44, 45, 48
-5V analog negative supply.
DVEE
8, 9, 10
-5V digital negative supply.
V
IN
54(1), 55
In phase (+) analog input signal of the Sample and Hold
differential preamplifier.
VINB
56, 57(1)
Inverted phase (-) of analog input signal (VIN).
CLK
37(1), 38
In phase (+) ECL clock input signal. The analog input is
sampled and held on the rising edge of the CLK signal.
CLKB
39, 40(1)
Inverted phase (-) of ECL clock input signal (CLK).
D0, D1, D2, D3, D4,
D5, D6, D7
23, 21, 19, 14, 6, 3, 66, 64
In phase (+) digital outputs.
B0 is the LSB. B7 is the MSB.
D0B, D1B, D2B, D3B,
D4B, D5B, D6B, D7B
24, 22, 20, 15, 7, 4, 67, 65
Inverted phase (-) digital outputs.
B0B is the inverted LSB. B7B is the inverted MSB.
OR
62
In phase (+) Out of Range Bit. Out of Range is high on the
leading edge of code 0 and code 256.
ORB
63
Inverted phase (+) Out of Range Bit (OR).
DR
11
In phase (+) output of Data Ready Signal.
DRB
12
Inverted phase (-) output of Data Ready Signal (DR).
GORB
25
Gray or Binary select output format control pin.
- Binary output format if GORB is floating or VCC.
- Gray output format if GORB is connected at ground (0V).
GAIN
60
ADC gain adjust pin.
DIOD/DRRB
49
This pin has a double function (can be left open or grounded
if not used):
- DIOD: die junction temperature monitoring pin.
- DRRB: asynchronous data ready reset function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com