Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 5 Page - ATMEL Corporation

  TS8388BCFS Datasheet HTML 1Page - ATMEL Corporation TS8388BCFS Datasheet HTML 2Page - ATMEL Corporation TS8388BCFS Datasheet HTML 3Page - ATMEL Corporation TS8388BCFS Datasheet HTML 4Page - ATMEL Corporation TS8388BCFS Datasheet HTML 5Page - ATMEL Corporation TS8388BCFS Datasheet HTML 6Page - ATMEL Corporation TS8388BCFS Datasheet HTML 7Page - ATMEL Corporation TS8388BCFS Datasheet HTML 8Page - ATMEL Corporation TS8388BCFS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
5
TS8388B
2144C–BDC–04/03
Positive supply current
Analog
Digital
I
CC
IPLUSD
1, 2
6
1, 2
6
–
–
–
–
385
395
115
120
445
445
145
145
mA
mA
mA
mA
Negative supply voltage
VEE
1, 2, 6
-5.3
-5
-4.7
V
Negative supply current
Analog
Digital
AIEE
DIEE
1, 2
6
1, 2
6
–
–
–
–
165
170
135
145
200
200
180
180
mA
mA
mA
mA
Nominal power dissipation
PD
1, 2
6
–
–
3.4
3.6
4.1
4.3
W
W
Power supply rejection ratio
PSRR
4
–
0.5
2
mW
Resolution
–
–
–
8
–
bits
(2)
Analog Inputs
Full Scale Input Voltage range (differential mode)
(0V common mode voltage)
VIN
VINB
4
–
-125
-125
–
–
125
125
mV
mV
Full Scale Input Voltage range (single-ended input
option) (See Application Notes)
V
IN
VINB
4
–
-250
–
–
0
250
–
mV
mV
Analog input capacitance
C
IN
4–
3
3.5
pF
Input bias current
I
IN
4
–
10
20
µA
Input Resistance
RIN
40.5
1
–
M
Ω
Full Power input Bandwidth (-3dB)
CBGA68 package
CQFP68 package
FPBW
–
–
–
4
4
–
–
–
–
1.8
1.5
–
–
–
–
GHz
GHz
–
Small signal input Bandwidth (10% full scale)
SSBW
4
1.5
1.7
–
GHz
Clock Inputs
Logic compatibility for clock inputs
(See Application Notes)
––
ECL or specified clock input
power level in dBm
–
(10)
ECL Clock inputs voltages (V
CLK or VCLKB):
–
4
–––
–
Logic “0” voltage
VIL
––
–
-1.5
V
Logic “1” voltage
V
IH
–-1.1
–
–
V
Logic “0” current
I
IL
––
5
50
µA
Logic “1” current
IIH
––
5
50
µA
Clock input power level into 50
Ω termination
–
–
dBm into 50
Ω
–
Clock input power level
–
4
-2
4
10
dBm
Clock input capacitance
CCLK
4–
3
3.5
pF
Table 3. Electrical Specifications (Continued)
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com