Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 44 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 40Page - ATMEL Corporation TS8388BCFS Datasheet HTML 41Page - ATMEL Corporation TS8388BCFS Datasheet HTML 42Page - ATMEL Corporation TS8388BCFS Datasheet HTML 43Page - ATMEL Corporation TS8388BCFS Datasheet HTML 44Page - ATMEL Corporation TS8388BCFS Datasheet HTML 45Page - ATMEL Corporation TS8388BCFS Datasheet HTML 46Page - ATMEL Corporation TS8388BCFS Datasheet HTML 47Page - ATMEL Corporation TS8388BCFS Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
44
TS8388B
2144C–BDC–04/03
CBGA68 Board
Assembly with
External Heasink
It is recommended to use an external heatsink or PCBoard special design.
Cooling system efficiency can be monitored using the Temperature Sensing Diode, integrated
in the device.
Figure 49. CBGA68 Board Assembly
Moisture
Characteristics
This device is sensitive to the moisture (MSL3 according to JEDEC standard):
Shelf life in sealed bag: 12 months at <40
°C and <90% relative humidity (RH).
After this bag is opened, devices that will be subjected to infrared reflow, vapor-phase reflow,
or equivalent processing (peak package body temperature 220
°C) must be:
•
mounted within 198 hours at factory conditions of
≤30°C/60% RH, or
•stored at
≤20% RH.
Devices require baking, before mounting, if Humidity Indicator Card is >20% when read at
23
°C ±5°C.
If baking is required, devices may be baked for:
•
192 hours at 40
°C +5°C/-0°C and <5% RH for low-temperature device containers, or
•
24 hours at 125
°C ±5°C for high temperature device containers.
31
32.5
Board
50.5
20.2
24.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com