Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 22 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 18Page - ATMEL Corporation TS8388BCFS Datasheet HTML 19Page - ATMEL Corporation TS8388BCFS Datasheet HTML 20Page - ATMEL Corporation TS8388BCFS Datasheet HTML 21Page - ATMEL Corporation TS8388BCFS Datasheet HTML 22Page - ATMEL Corporation TS8388BCFS Datasheet HTML 23Page - ATMEL Corporation TS8388BCFS Datasheet HTML 24Page - ATMEL Corporation TS8388BCFS Datasheet HTML 25Page - ATMEL Corporation TS8388BCFS Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
22
TS8388B
2144C–BDC–04/03
Effective Number
of Bits (ENOB)
Versus Sampling
Frequency
Analog Input Frequency: F
IN = 495 MHz and Nyquist conditions (FIN = FS/2)
Clock duty cycle 50/50, Binary output coding
Figure 19. ENOB (dB)
SFDR Versus
Sampling
Frequency
Analog Input Frequency: F
IN = 495 MHz and Nyquist conditions (FIN = FS/2)
Clock duty cycle 50/50, Binary output coding
Figure 20. SFDR (dBc)
2
3
4
5
6
7
8
0
200
400
600
800
1000
1200
1400
1600
Sampling frequency (MSPS)
FIN = FS/2
FIN = 500 MHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
0
200
400
600
800
1000
1200
1400
1600
Sampling frequency (MSPS)
FIN = FS/2
FIN = 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com