Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 47 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 43Page - ATMEL Corporation TS8388BCFS Datasheet HTML 44Page - ATMEL Corporation TS8388BCFS Datasheet HTML 45Page - ATMEL Corporation TS8388BCFS Datasheet HTML 46Page - ATMEL Corporation TS8388BCFS Datasheet HTML 47Page - ATMEL Corporation TS8388BCFS Datasheet HTML 48Page - ATMEL Corporation TS8388BCFS Datasheet HTML 49Page - ATMEL Corporation TS8388BCFS Datasheet HTML 50Page - ATMEL Corporation TS8388BCFS Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
47
TS8388B
2144C–BDC–04/03
Enhanced CQFP68
Thermal
Characteristics
Enhanced CQFP68
The CQFP68 has been modified, in order to improve the thermal characteristics:
•
A CuW heatspreader has been added at the bottom of the package.
•
The die has been electrically isolated with the ALN substrate.
Thermal Resistance
from Junction to
Case: RTHJC
Typical value for Rthjc is given to 1.56
°C/W.
This value does not include thermal contact resistance between package and external compo-
nent (heatsink or PCBoard).
As an example, 2.0
°C/W can be taken for 50 µm of thermal grease.
Heatsink
It is recommended to use an external heatsink, or PCBoard special design.
The stand off has been calculated to permit the simultaneous soldering of the leads and of the
heatspreader with the solder paste.
Figure 52. Enhanced CQFP68 Suggested Assembly
Cooling system efficiency can be monitored using the Temperature Sensing Diode, integrated
in the device.
Printed
circuit board
CuW heatspreader
28.78
Thermal via
Solid ground plane
24.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com