Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 35Page - ATMEL Corporation TS8388BCFS Datasheet HTML 36Page - ATMEL Corporation TS8388BCFS Datasheet HTML 37Page - ATMEL Corporation TS8388BCFS Datasheet HTML 38Page - ATMEL Corporation TS8388BCFS Datasheet HTML 39Page - ATMEL Corporation TS8388BCFS Datasheet HTML 40Page - ATMEL Corporation TS8388BCFS Datasheet HTML 41Page - ATMEL Corporation TS8388BCFS Datasheet HTML 42Page - ATMEL Corporation TS8388BCFS Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39
TS8388B
2144C–BDC–04/03
Equivalent
Input/Output
Schematics
Figure 42. Equivalent Analog Input Circuit and ESD Protections
Note:
The ESD protection equivalent capacitance is 150 fF.
Figure 43. Equivalent Analog Clock Input Circuit and ESD Protections
Note:
The ESD protection equivalent capacitance is 150 fF.
VEE
VEE
5.8V
0.8V
200
Ω
200
Ω
50
Ω
50
Ω
E21V
E21G
E21G
E21V
VIN
GND = 0V
VINB
Pad
capacitance
340 fF
Pad
capacitance
340 fF
VCC = +5V
-0.8V
-5.8V
5.8V
0.8V
-0.8V
-5.8V
VCLAMP = +2.4V
+1.65V
-1.55V
VEE = -5V
GND
VCC
VEE
VEE
5.8V
0.8V
150
Ω
150
Ω
E31V
E21G
E21G
E31V
CLK
CLKB
Pad
capacitance
340 fF
Pad
capacitance
340 fF
VCC = +5V
-5.8V
-5.8V
-5.8V
5.8V
0.8V
-0.8V
-5.8V
-5.8V
+0.8V
GND = 0V
380
µA
VEE = -5V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com