Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCFS Datasheet(PDF) 52 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 48Page - ATMEL Corporation TS8388BCFS Datasheet HTML 49Page - ATMEL Corporation TS8388BCFS Datasheet HTML 50Page - ATMEL Corporation TS8388BCFS Datasheet HTML 51Page - ATMEL Corporation TS8388BCFS Datasheet HTML 52Page - ATMEL Corporation TS8388BCFS Datasheet HTML 53Page - ATMEL Corporation TS8388BCFS Datasheet HTML 54Page - ATMEL Corporation TS8388BCFS Datasheet HTML 55Page - ATMEL Corporation TS8388BCFS Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
52
TS8388B
2144C–BDC–04/03
CBGA68
Capacitors and
Resistors Implant
Figure 53. TS8388BGL Capacitors and Resistors Implant
Note:
R and C are discrete components of 0603 size (1.6 x 0.8 mm).
GND
100 pF
DVEE
CLK
50
Ω
GND
CLKB
50
Ω
GND
VEE
100 pF
GND
VCC
100 pF
GND
VEE
100 pF
GND
Only on-package marking
Electrically isolated
0.9 mm
0.9 mm
0.9 mm
∅ 7.0 mm
0.9 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com