Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
Table 5. Debug Port Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
D61
DSCK cycle time
120
Ñ
60
Ñ
60
Ñ
ns
D62
DSCK clock pulse width
50
Ñ
25
Ñ
25
Ñ
ns
D63
DSCK rise and fall times
030303
ns
D64
DSDI input data setup time
8Ñ8Ñ8Ñ
ns
D65
DSDI data hold time
5Ñ5Ñ5Ñ
ns
D66
DSCK low to DSDO data valid
0
15
0
15
0
15
ns
D67
DSCK low to DSDO invalid
020202
ns
Figure 28. Debug Port Clock Input Timing Diagram
CLKOUT
D61
D61
D63
D63
D62
D62
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com