Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
EXTERNAL BUS ELECTRICAL CHARACTERISTICS
Table 1. Bus Operation Timing
NUM
CHARACTERISTIC
25MHz
40MHz
50MHz
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
B1
CLKOUT Period
40
Ñ
25
Ñ
20
Ñ
ns
B1a
EXTCLK to CLKOUT Phase Skew (EXTCLK>15MHz and
MF
£ 2)
-0.9
0.9
-0.9
0.9
-0.9
0.9
ns
B1b
EXTCLK to CLKOUT Phase Skew (EXTCLK>10MHz and
MF
£ 10)
-2.3
2.3
-2.3
2.3
-2.3
2.3
ns
B1c
CLKOUT Phase Jitter (EXTCLK>15MHz and MF
£2)
-0.6
0.6
-0.6
0.6
-0.6
0.6
ns
B1d
CLKOUT Phase Jitter (EXTCLK>10MHz and MF
£10)
-22-22-22
ns
B1e
CLKOUT Frequency Jitter (MF<10)
Ñ
0.5
Ñ
0.5
Ñ
0.5
%
B1f
CLKOUT Frequency Jitter (10<MF<500)
Ñ2Ñ2Ñ2
%
B1g
CLKOUT Frequency Jitter (MF>500)
Ñ3Ñ3Ñ3
%
B1h
Frequency Jitter on EXTCLK
Ñ
0.5
Ñ
0.5
Ñ
0.5
%
B2
Clock Pulse Width Low
16
Ñ
10
Ñ
8
Ñ
ns
B3
Clock Pulse Width High
16
Ñ
10
Ñ
8
Ñ
ns
B4
CLKOUT Rise Time
Ñ4Ñ4Ñ4
ns
B5
CLKOUT Fall Time
Ñ4Ñ4Ñ4
ns
B6
N/A (Used on Interactive Spreadsheet)
B7
CLKOUT to A(6:31), RD/WR, BURST, D(0:31), DP(0:3)
Invalid
10
Ñ5Ñ5Ñ
ns
B7a
CLKOUT to TSIZ(0:1),REG, RSV, AT(0:3),BDIP, PTR Invalid
10
Ñ5Ñ5Ñ
ns
B7b
CLKOUT to BR, BG, FRZ, VFLS(0:1), VF(0:2), IWP(0:2),
LWP(0:1), STS Invalid
10
Ñ5Ñ5Ñ
ns
B8
CLKOUT to A(6:31), RD/WR, BURST, D(0:31), DP(0:3) Valid
10
19
5
13
5
12
ns
B8a
CLKOUT to TSIZ(0:1),REG, RSV, AT(0:3), BDIP, PTR Valid
10
19
5
13
5
12
ns
B8b
CLKOUT to BR, BG, VFLS(0:1), VF(0:2), IWP(0:2), FRZ,
LWP(0:1), STS Valid
10
19513512
ns
B9
CLKOUT to A(6:31), RD/WR, BURST, D(0:31), DP(0:3),
TSIZ(0:1),REG, RSV, AT(0:3), PTR Hi Z
10
19513512
ns
B10
N/A
B11
CLKOUT to TS, BB Assertion
10
19
5
12.25
5
12.25
ns
B11a
CLKOUT to TA, BI Assertion (when driven by the
Memory Controller or PCMCIA Interface)
2.5
11
2.5
9.25
2.5
9.25
ns
B12
CLKOUT to TS, BB Negation
10
19
5
13
5
12
ns
B12a
CLKOUT to TA, BI Negation (when driven by the
Memory Controller or PCMCIA Interface)
2.5
11
2.5
11
2.5
11
ns
B13
CLKOUT to TS, BB Hi Z
10
24521519
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com