Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
Table 18. I2C TimingÑSCL < 100 kHz
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
200
SCL clock frequency (slave)
0
100
0
100
0
100
kHz
200
SCL clock frequency (master)
1.5
100
1.5
100
1.5
100
kHz
202
Bus free time between transmissions
4.7
Ñ
4.7
Ñ
4.7
Ñ
ms
203
Low period of SCL
4.7
Ñ
4.7
Ñ
4.7
Ñ
ms
204
High period of SCL
4.0
Ñ
4.0
Ñ
4.0
Ñ
ms
205
Start condition setup time
4.7
Ñ
4.7
Ñ
4.7
Ñ
ms
206
Start condition hold time
4.0
Ñ
4.0
Ñ
4.0
Ñ
ms
207
Data hold time
0Ñ0Ñ0Ñ
ms
208
Data setup time
250
Ñ
250
Ñ
250
Ñ
ns
209
SDL/SCL rise time
Ñ1Ñ1Ñ1
ms
210
SDL/SCL fall time
Ñ
300
Ñ
300
Ñ
300
ns
211
STOP condition setup time
4.7
Ñ
4.7
Ñ
4.7
Ñ
ms
NOTE: SCL frequency is given by SCL = BRGCLK_frequency/((BRG register + 3) * pre_scaler * 2 ).
The ratio SyncClk/(BRGCLK/pre_scaler) must be greater than or equal to 4/1.
Table 19. I2C TimingÑSCL > 100 kHz
NUM
CHARACTERISTIC
MINIMUM
MAXIMUM
UNIT
200
SCL clock frequency (slave)
0
BRGCLK/48
Hz
200
SCL clock frequency (master)
BRGCLK/16512
BRGCLK/48
Hz
202
Bus free time between transmissions
1/(2.2 * fSCL)
Ñ
sec
203
Low period of SCL
1/(2.2 * fSCL)
Ñ
sec
204
High period of SCL
1/(2.2 * fSCL)
Ñ
sec
205
Start condition setup time
1/(2.2 * fSCL)
Ñ
sec
206
Start condition hold time
1/(2.2 * fSCL)
Ñ
sec
207
Data hold time
0
Ñ
sec
208
Data setup time
1/(40 * fSCL)
Ñ
sec
209
SDL/SCL rise time
Ñ
1/(10 * fSCL)
sec
210
SDL/SCL fall time
Ñ
1/(33 * fSCL)
sec
211
Stop condition setup time
1/(2.2 * fSCL)
Ñ
sec
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com