Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC823 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
MAXIMUM RATINGS (GND = 0V)
THERMAL CHARACTERISTICS
RATING
SYMBOL
VALUE
UNIT
Supply Voltage
VDDH
-0.3 to 4.0
V
VDD
-0.3 to 4.0
V
KAPWR
-0.3 to 4.0
V
VDDSYN
-0.3 to 4.0
V
Input Voltage (JTAG and GPIO)
VIN
-0.3 to 5.8
V
Input Voltage (All other pins)
VIN
-0.3 to 3.3
V
Operating Temperature
TA
0 to 70û
or
-40û to 85û
ûC
Storage Temperature Range
TSTG
-55 to +150
ûC
NOTES:
1.
Functional operating conditions are given in DC Electrical Characteristics (VCC = 3.0 - 3.6
V). Absolute maximum ratings are stress ratings only, and functional operation at the
maxima is not guaranteed. Stress beyond those listed may affect device reliability or cause
permanent damage to the device.
2.
CAUTION: The JTAG and GPIO input voltages cannot be more than 2.5 V greater than
supply voltage, this restriction applies also on Òpower-onÓ as well as on normal operation.
3.
5 Volt friendly inputs are inputs that tolerate 5 volts for JTAG and GPIO pins.
4.
If you are using Mask Revision Base #F98S (Revision 0), all pins except EXTAL and CLK4IN
are 5V tolerant inputs.
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Thermal Resistance for BGA
qJc
~30
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com