Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
7
B13a
CLKOUT to TA, BI Hi Z (When Driven by the Memory
Controller or PCMCIA Interface)
2.5
15
2.5
15
2.5
16
ns
B14
CLKOUT to TEA Assertion
2.5
11
2.5
11
2.5
10
ns
B15
CLKOUT to TEA Hi Z
2.5
15
2.5
15
2.5
15
ns
B16
TA, BI Valid to CLKOUT (Setup Time)
9.75
Ñ
9.75
Ñ
9.75
Ñ
ns
B16a
TEA, KR, RETRY Valid to CLKOUT (Setup Time)
11
Ñ
10
Ñ
10
Ñ
ns
B16b
BB, BG, BR Valid to CLKOUT (Setup Time)
8.5
Ñ
8.5
Ñ
8.5
Ñ
ns
B17
CLKOUT to TA, TEA, BI , BB, BG, BR Valid (Hold Time)
1Ñ1Ñ1Ñ
ns
B17a
CLKOUT to KR, RETRY Valid (Hold Time)
2Ñ2Ñ2Ñ
ns
B18
D(0:31), DP(0:3) Valid to CLKOUT Rising Edge (Setup Time)
6Ñ6Ñ6Ñ
ns
B19
CLKOUT Rising Edge to D(0:31), DP(0:3) Valid (Hold Time)
2Ñ2Ñ2Ñ
ns
B20
D(0:31), DP(0:3) Valid to CLKOUT Falling Edge (Setup Time)
4Ñ4Ñ4Ñ
ns
B21
CLKOUT Falling Edge to D(0:31), DP(0:3) Valid (Hold Time)
2Ñ2Ñ2Ñ
ns
B22
CLKOUT Rising Edge to CS Asserted -GPCM- ACS = 00
10
20
5
13
5
13
ns
B22a
CLKOUT Falling Edge to CS Asserted -GPCM- ACS = 10,
TRLX = 0
Ñ
10
Ñ8Ñ8
ns
B22b
CLKOUT Falling Edge to CS Asserted -GPCM- ACS = 11,
TRLX = 0, EBDF = 0
10
20513513
ns
B22c
CLKOUT Falling Edge to CS Asserted -GPCM- ACS = 11,
TRLX = 0, EBDF = 1
14
25716716
ns
B23
CLKOUT Rising Edge to CS Negated -GPCM-Read Access -
GPCM-Write Access, ACS=00, TRLX=0, CSNT=0
3
10
2828
ns
B24
A(6:31) to CS Asserted -GPCM- ACS = 10, TRLX = 0
8Ñ3Ñ3Ñ
ns
B24a
A(6:31) to CS Asserted -GPCM- ACS = 11, TRLX = 0
18
Ñ8Ñ8Ñ
ns
B25
CLKOUT Rising Edge to OE, WE(0:3) Asserted
Ñ
11
Ñ9Ñ9
ns
B26
CLKOUT Rising Edge to OE Negated
3
11
2929
ns
B27
A(6:31) to CS Asserted -GPCM- ACS = 10, TRLX = 1
48
Ñ
23
Ñ
23
Ñ
ns
B27a
A(6:31) to CS Asserted -GPCM- ACS = 11, TRLX = 1
58
Ñ
28
Ñ
28
Ñ
ns
B28
CLKOUT Rising Edge to WE(0:3) Negated -GPCM-Write
Access CSNT = Ô0Ô
Ñ
11
Ñ9Ñ9
ns
B28a
CLKOUT Falling Edge to WE(0:3) Negated -GPCM-Write
Access TRLX = Ô0Õ, CSNT = Ô1Õ, EBDF=0
10
20513513
ns
B28b
CLKOUT Falling Edge to CS Negated -GPCM-Write Access
TRLX = Ô0Õ, CSNT = Ô1Õ, ACS = Ô10Õ or ACS=Õ11Õ, EBDF = 0
Ñ20Ñ13Ñ13
ns
Table 1. Bus Operation Timing (Continued)
NUM
CHARACTERISTIC
25MHz
40MHz
50MHz
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com