Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
Table 6. Reset Timing
NUM
CHARACTERISTIC
25MHZ
40MHZ
50MHZ
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
R68
CLKOUT to HRESET high impedance
Ñ
20
Ñ
20
Ñ
20
ns
R69
CLKOUT to SRESET high impedance
Ñ
20
Ñ
20
Ñ
20
ns
R70
RSTCONF pulse width
680
Ñ
425
Ñ
340
Ñ
ns
R71
N/A
R72
Configuration data to HRESET rising edge setup
time
650
Ñ
425
Ñ
350
Ñ
ns
R73
Configuration data to RSTCONF rising edge setup
time
650
Ñ
425
Ñ
350
Ñ
ns
R74
Configuration data hold time after RSTCONF
negation
0Ñ0Ñ0Ñ
ns
R75
Configuration data hold time after HRESET negation
0Ñ0Ñ0Ñ
ns
R76
HRESET and RSTCONF asserted to data out drive
Ñ
25
Ñ
25
Ñ
25
ns
R77
RSTCONF negated to data out high impedance
Ñ
25
Ñ
25
Ñ
25
ns
R78
CLKOUT of last rising edge before chip three-states
HRESET to data out high impedance
Ñ25Ñ25Ñ25
ns
R79
DSDI and DSCK setup
120
Ñ
75
Ñ
60
Ñ
ns
R80
DSDI and DSCK hold time
0Ñ0Ñ0Ñ
ns
R81
SRESET negated to CLKOUT rising edge for DSDI
and DSCK sample
320
Ñ
200
Ñ
160
Ñ
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com