Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC823
Description  This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC823 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC823 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC823 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
MPC823 ELECTRICAL SPECIFICATIONS
9
B31a
CLKOUT Falling Edge to CS valid as requested by CST1 in
the corresponding word of the UPM, EBDF = 0
10
20513513
ns
B31b
CLKOUT Rising Edge to CS valid as requested by CST2 in
the corresponding word of the UPM
1.5
10
1.5
8
1.5
8
ns
B31c
CLKOUT Rising Edge to CS valid as requested by CST3 in
the corresponding word of the UPM
10
20513513
ns
B31d
CLKOUT Falling Edge to CS valid as requested by CST1 in
the corresponding word of the UPM, EBDF = 1
10
25516516
ns
B32
CLKOUT Falling Edge to BS valid as requested by BST4 in
the corresponding word of the UPM
1.5
10
1.5
8
1.5
8
ns
B32a
CLKOUT Falling Edge to BS valid as requested by BST1 in
the corresponding word of the UPM, EBDF = 0
10
20513513
ns
B32b
CLKOUT Rising Edge to BS valid as requested by BST2 in the
corresponding word of the UPM
1.5
10
1.5
8
1.5
8
ns
B32c
CLKOUT Rising Edge to BS valid as requested by BST3 in the
corresponding word of the UPM
10
20513513
ns
B32d
CLKOUT Falling Edge to BS valid as requested by BST1 in
the corresponding word of the UPM, EBDF = 1
10
25516516
ns
B33
CLKOUT Falling Edge to GPL valid as requested by GxT4 in
the corresponding word of the UPM
1.5
10
1.5
8
1.5
8
ns
B33a
CLKOUT Rising Edge to GPL valid as requested by GxT3 in
the corresponding word of the UPM
10
20513513
ns
B34
A(6:31) and D(0:31) to CS valid as requested by CST4 in the
corresponding word of the UPM
8Ñ3Ñ3Ñ
ns
B34a
A(6:31) and D(0:31) to CS valid as requested by CST1 in the
corresponding word of the UPM
18
Ñ8Ñ8Ñ
ns
B34b
A(6:31) and D(0:31) to CS valid as requested by CST2 in the
corresponding word of the UPM
28Ñ13Ñ13Ñ
ns
B35
A(6:31) and D(0:31) to BS valid as requested by BST4 in the
corresponding word of the UPM
8Ñ3Ñ3Ñ
ns
B35a
A(6:31) and D(0:31) to BS valid as requested by BST1 in the
corresponding word of the UPM
18
Ñ8Ñ8Ñ
ns
B35b
A(6:31) and D(0:31) to BS valid as requested by BST2 in the
corresponding word of the UPM
28Ñ13Ñ13Ñ
ns
B36
A(6:31) and D(0:31) to GPL valid as requested by GxT4 in the
corresponding word of the UPM
8Ñ3Ñ3Ñ
ns
B37
UPWAIT Valid to CLKOUT Falling Edge
6Ñ6Ñ6Ñ
ns
B38
CLKOUT Falling Edge to UPWAIT Valid
1Ñ1Ñ1Ñ
ns
B39
AS Valid to CLKOUT Rising Edge
9Ñ7Ñ7Ñ
ns
Table 1. Bus Operation Timing (Continued)
NUM
CHARACTERISTIC
25MHz
40MHz
50MHz
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com