Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3221 Datasheet HTML 1Page - Microchip Technology MCP3221 Datasheet HTML 2Page - Microchip Technology MCP3221 Datasheet HTML 3Page - Microchip Technology MCP3221 Datasheet HTML 4Page - Microchip Technology MCP3221 Datasheet HTML 5Page - Microchip Technology MCP3221 Datasheet HTML 6Page - Microchip Technology MCP3221 Datasheet HTML 7Page - Microchip Technology MCP3221 Datasheet HTML 8Page - Microchip Technology MCP3221 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2003 Microchip Technology Inc.
DS21732B-page 3
MCP3221
TEMPERATURE SPECIFICATIONS
Input leakage current
ILI
-1
—
+1
µA
VIN = 0.1 VDD and 0.9 VDD
Output leakage current
ILO
-1
—
+1
µA
VOUT = 0.1 VSS and 0.9 VDD
Pin capacitance
(all inputs/outputs)
CIN,
COUT
—
—
10
pF
TAMB = 25°C, f = 1 MHz;
(Note 2)
Bus Capacitance
CB
—
—
400
pF
SDA drive low, 0.4V
Power Requirements
Operating Voltage
VDD
2.7
—
5.5
V
Conversion Current
IDD
—
175
250
µA
Standby Current
IDDS
—
0.005
1
µA
SDA, SCL = VDD
Active bus current
IDDA
—
—
120
µA
Note 4
Conversion Rate
Conversion Time
tCONV
—8.96
—
µs
Note 5
Analog Input Acquisition Time
tACQ
—1.12
—
µs
Note 5
Sample Rate
fSAMP
—
—
22.3
ksps
fSCL = 400 kHz (Note 1)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5.0V, VSS = GND.
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges
Industrial Temperature Range
TA
-40
—
+85
°C
Extended Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT23A
θJA
—
256
—
°C/W
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5.0V, VSS = GND, RPU = 2 kΩ
TAMB = -40°C to +85°C, I2C Fast Mode Timing: fSCL = 400 kHz (Note 3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: “Sample time” is the time between conversions once the address byte has been sent to the converter.
Refer to Figure 5-6.
2: This parameter is periodically sampled and not 100% tested.
3: RPU = Pull-up resistor on SDA and SCL.
4: SDA and SCL = VSS to VDD at 400 kHz.
5: tACQ and tCONV are dependent on internal oscillator timing. See Figure 5-5 and Figure 5-6 for relation to
SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com