Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3221 Datasheet HTML 1Page - Microchip Technology MCP3221 Datasheet HTML 2Page - Microchip Technology MCP3221 Datasheet HTML 3Page - Microchip Technology MCP3221 Datasheet HTML 4Page - Microchip Technology MCP3221 Datasheet HTML 5Page - Microchip Technology MCP3221 Datasheet HTML 6Page - Microchip Technology MCP3221 Datasheet HTML 7Page - Microchip Technology MCP3221 Datasheet HTML 8Page - Microchip Technology MCP3221 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2003 Microchip Technology Inc.
DS21732B-page 1
M
MCP3221
Features
• 12-bit resolution
• ±1 LSB DNL, ±2 LSB INL max.
• 250 µA max conversion current
• 5 nA typical standby current, 1 µA max.
• I2C™ compatible serial interface
- 100 kHz I2C Standard Mode
- 400 kHz I2C Fast Mode
• Up to 8 devices on a single 2-Wire bus
• 22.3 ksps in I2C Fast Mode
• Single-ended analog input channel
• On-chip sample and hold
• On-chip conversion clock
• Single-supply specified operation: 2.7V to 5.5V
• Temperature range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Small SOT-23 package
Applications
• Data Logging
• Multi-zone Monitoring
• Hand-Held Portable Applications
• Battery-Powered Test Equipment
• Remote or Isolated Data Acquisition
Package Type
Description
The Microchip Technology Inc. MCP3221 is a succes-
sive approximation A/D converter with 12-bit resolu-
tion. Available in the SOT-23 package, this device
provides one single-ended input with very low power
consumption. Based on an advanced CMOS technol-
ogy, the MCP3221 provides a low maximum conver-
sion current and standby current of 250 µA and 1 µA,
respectively. Low current consumption, combined with
the small SOT-23 package, make this device ideal for
battery-powered
and
remote
data
acquisition
applications.
Communication to the MCP3221 is performed using a
2-wire, I2C compatible interface. Standard (100 kHz)
and Fast (400 kHz) I2C modes are available with the
device. An on-chip conversion clock enables indepen-
dent timing for the I2C and conversion clocks. The
device is also addressable, allowing up to eight devices
on a single 2-wire bus.
The MCP3221 runs on a single supply voltage that
operates over a broad range of 2.7V to 5.5V. This
device also provides excellent linearity of ±1 LSB differ-
ential non-linearity and ±2 LSB integral non-linearity,
maximum.
Functional Block Diagram
5-Pin SOT-23A
SCL
AIN
1
2
3
5
SDA
VSS
VDD
4
Comparator
Sample
and
Hold
12-bit SAR
DAC
I2C™ Interface
AIN
VSS
VDD
SCL
SDA
Clock
Control Logic
–
+
Low Power 12-Bit A/D Converter With I2C™ Interface


Similar Part No. - MCP3221

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3221A0-E/OT MICROCHIP-MCP3221A0-E/OT Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3221A0-I/OT MICROCHIP-MCP3221A0-I/OT Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3221A0T-E/OT MICROCHIP-MCP3221A0T-E/OT Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3221A0T-I/OT MICROCHIP-MCP3221A0T-I/OT Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3221A1-E/OT MICROCHIP-MCP3221A1-E/OT Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
More results

Similar Description - MCP3221

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7823 BURR-BROWN-ADS7823 Datasheet
275Kb / 15P
12-Bit, Sampling A/D Converter with I2C INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3221 MICROCHIP-MCP3221_06 Datasheet
681Kb / 28P
Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3021 MICROCHIP-MCP3021 Datasheet
545Kb / 26P
Low Power 10-Bit A/D Converter With I2C??Interface
2003
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP3021 MICROCHIP-MCP3021_13 Datasheet
561Kb / 26P
Low Power 10-Bit A/D Converter With I2C??Interface
11/29/12
logo
Texas Instruments
ADS7823 TI1-ADS7823_14 Datasheet
637Kb / 20P
12-Bit, Sampling A/D Converter with I2C??INTERFACE
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com