Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3221 Datasheet HTML 8Page - Microchip Technology MCP3221 Datasheet HTML 9Page - Microchip Technology MCP3221 Datasheet HTML 10Page - Microchip Technology MCP3221 Datasheet HTML 11Page - Microchip Technology MCP3221 Datasheet HTML 12Page - Microchip Technology MCP3221 Datasheet HTML 13Page - Microchip Technology MCP3221 Datasheet HTML 14Page - Microchip Technology MCP3221 Datasheet HTML 15Page - Microchip Technology MCP3221 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP3221
DS21732B-page 12
 2003 Microchip Technology Inc.
3.0
PIN FUNCTIONS
TABLE 3-1:
PIN FUNCTION TABLE
3.1
VDD and VSS
The VDD pin, with respect to VSS, provides power to the
device as well as a voltage reference for the conversion
process. Refer to Section 6.4, “Device Power and
Layout Considerations”, for tips on power and
grounding.
3.2
Analog Input (AIN)
AIN is the input pin to the sample-and-hold circuitry of
the Successive Approximation Register (SAR) con-
verter. Care should be taken in driving this pin. Refer to
Section 6.1, “Driving the Analog Input”. For proper con-
versions, the voltage on this pin can vary from VSS to
VDD.
3.3
Serial Data (SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. Since it is an open-
drain terminal, the SDA bus requires a pull-up resistor
to VDD (typically 10 kΩ for 100 kHz and 2 kΩ for
400 kHz SCL clock speeds). Refer to Section 6.2,
“Connecting to the I2C Bus”, for more information.
For normal data transfer, SDA is allowed to change only
during SCL low. Changes during SCL high are reserved
for indicating the START and STOP conditions. Refer to
Section 5.1, “I2C Bus Characteristics”.
3.4
Serial Clock (SCL)
SCL is an input pin used to synchronize the data trans-
fer to and from the device on the SDA pin and is an
open-drain terminal. Therefore, the SCL bus requires a
pull-up resistor to VDD (typically 10 kΩ for 100 kHz and
2k
Ω for 400 kHz SCL clock speeds. Refer to
Section 6.2, “Connecting to the I2C Bus”).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the START and STOP
conditions. Refer to Section 6.1, “Driving the Analog
Input”.
Name
Function
VDD
+2.7V to 5.5V Power Supply
VSS
Ground
AIN
Analog Input
SDA
Serial Data In/Out
SCL
Serial Clock In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com