Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3221 Datasheet HTML 12Page - Microchip Technology MCP3221 Datasheet HTML 13Page - Microchip Technology MCP3221 Datasheet HTML 14Page - Microchip Technology MCP3221 Datasheet HTML 15Page - Microchip Technology MCP3221 Datasheet HTML 16Page - Microchip Technology MCP3221 Datasheet HTML 17Page - Microchip Technology MCP3221 Datasheet HTML 18Page - Microchip Technology MCP3221 Datasheet HTML 19Page - Microchip Technology MCP3221 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCP3221
DS21732B-page 16
 2003 Microchip Technology Inc.
5.2
Device Addressing
The address byte is the first byte received following the
START condition from the master device. The first part
of the control byte consists of a 4-bit device code,
which is set to 1010 for the MCP3221. The device code
is followed by three address bits: A2, A1 and A0. The
default address bits are 1001. Contact the Microchip
factory for additional address bit options. The address
bits allow up to eight MCP3221 devices on the same
bus and are used to determine which device is
accessed.
The eighth bit of the slave address determines if the
master device wants to read conversion data or write to
the MCP3221. When set to a ‘1’, a read operation is
selected. When set to a ‘0’, a write operation is
selected. There are no writable registers on the
MCP3221. Therefore, this bit must be set to a ’1’ in
order to initiate a conversion.
The MCP3221 is a slave device that is compatible with
the I2C 2-wire serial interface protocol. A hardware
connection diagram is shown in Figure 6-2. Communi-
cation is initiated by the microcontroller (master
device), which sends a START bit followed by the
address byte.
On completion of the conversion(s) performed by the
MCP3221, the microcontroller must send a STOP bit to
end communication.
The last bit in the device address byte is the R/W bit.
When this bit is a logic ‘1’, a conversion will be exe-
cuted. Setting this bit to logic ‘0’ will also result in an
“acknowledge” (ACK) from the MCP3221, with the
device then releasing the bus. This can be used for
device polling. Refer to Section 6.3, “Device Polling”,
for more information.
FIGURE 5-2:
Device Addressing.
5.3
Executing a Conversion
This section will describe the details of communicating
with the MCP3221 device. Initiating the sample-and-
hold acquisition, reading the conversion data and
executing multiple conversions will be discussed.
5.3.1
INITIATING THE SAMPLE AND
HOLD
The acquisition and conversion of the input signal
begins with the falling edge of the R/W bit of the
address byte. At this point, the internal clock initiates
the sample, hold and conversion cycle, all of which are
internal to the ADC.
FIGURE 5-3:
Initiating the Conversion,
Address Byte.
FIGURE 5-4:
Initiating the Conversion,
Continuous Conversions.
START
READ/WRITE
SLAVE ADDRESS
R/W A
1
0
0
1
1
0
1
Address Bits(1)
Note 1: Contact Microchip for additional address bits.
Device Code
1
234
56
7
8
9
SCL
SDA
1 0
0 1 A2 A1 A0 R/W
Start
Bit
Address Byte
Address bits
Device bits
tACQ + tCONV is
initiated here
SCL
SDA
D3 D2 D2
Lower Data Byte (n)
tACQ + tCONV is
initiated here
D6 D5 D4
D0
D7
D8
17 18 19 20 21 22 23 24 25 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com