Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3221 Datasheet HTML 15Page - Microchip Technology MCP3221 Datasheet HTML 16Page - Microchip Technology MCP3221 Datasheet HTML 17Page - Microchip Technology MCP3221 Datasheet HTML 18Page - Microchip Technology MCP3221 Datasheet HTML 19Page - Microchip Technology MCP3221 Datasheet HTML 20Page - Microchip Technology MCP3221 Datasheet HTML 21Page - Microchip Technology MCP3221 Datasheet HTML 22Page - Microchip Technology MCP3221 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
 2003 Microchip Technology Inc.
DS21732B-page 19
MCP3221
6.3
Device Polling
In some instances, it may be necessary to test for
MCP3221 presence on the I2C bus without performing
a conversion. This operation is described in Figure 6-4.
Here we are setting the R/W bit in the address byte to
a zero. The MCP3221 will then acknowledge by pulling
SDA low during the ACK clock and then release the
bus back to the I2C master. A stop or repeated start bit
can then be issued from the master and I2C
communication can continue.
FIGURE 6-4:
Device Polling.
6.4
Device Power and Layout
Considerations
6.4.1
POWERING THE MCP3221
VDD supplies the power to the device as well as the ref-
erence voltage. A bypass capacitor value of 0.1 µF is
recommended. Adding a 10 µF capacitor in parallel is
recommended to attenuate higher frequency noise
present in some systems.
FIGURE 6-5:
Powering the MCP3221.
6.4.2
LAYOUT CONSIDERATIONS
When laying out a printed circuit board for use with
analog components, care should be taken to reduce
noise wherever possible. A bypass capacitor from VDD
to ground should always be used with this device and
should be placed as close as possible to the device pin.
A bypass capacitor value of 0.1 µF is recommended.
Digital and analog traces should be separated as much
as possible on the board, with no traces running under-
neath the device or the bypass capacitor. Extra precau-
tions should be taken to keep traces with high-
frequency signals (such as clock lines) as far as
possible from analog traces.
Use of an analog ground plane is recommended in
order to keep the ground potential the same for all
devices on the board. Providing VDD connections to
devices in a “star” configuration can also reduce noise
by eliminating current return paths and associated
errors (Figure 6-6). For more information on layout tips
when using the MCP3221 or other ADC devices, refer
to AN688, “Layout Tips for 12-Bit A/D Converter
Applications”.
FIGURE 6-6:
VDD traces arranged in a
‘Star’ configuration in order to reduce errors
caused by current return paths.
6.4.3
USING A REFERENCE FOR
SUPPLY
The MCP3221 uses VDD as both power and a refer-
ence. In some applications, it may be necessary to use
a stable reference to achieve the required accuracy.
Figure 6-7 shows an example using the MCP1541 as a
4.096V, 2% reference.
FIGURE 6-7:
Stable Power and
Reference Configuration.
12 3 4 5 6 7 8 9
SCL
SDA
1 00 1 A2 A1A0 0
Start
Bit
Address Byte
Address bits
Device bits
R/W
Start
Bit
MCP3221 response
VDD
VDD
AIN
SCL
SDA
To
Microcontroller
10 µF
MCP3221
0.1 µF
VDD
RPU
RPU
VDD
Connection
Device 1
Device 2
Device 3
Device 4
VDD
VDD
4.096V
Reference
1µF
MCP1541
CL
AIN
MCP3221
VDD
RPU
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com