Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3221 Datasheet HTML 13Page - Microchip Technology MCP3221 Datasheet HTML 14Page - Microchip Technology MCP3221 Datasheet HTML 15Page - Microchip Technology MCP3221 Datasheet HTML 16Page - Microchip Technology MCP3221 Datasheet HTML 17Page - Microchip Technology MCP3221 Datasheet HTML 18Page - Microchip Technology MCP3221 Datasheet HTML 19Page - Microchip Technology MCP3221 Datasheet HTML 20Page - Microchip Technology MCP3221 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
 2003 Microchip Technology Inc.
DS21732B-page 17
MCP3221
The input signal will initially be sampled with the first
falling edge of the clock following the transmission of a
logic-high R/W bit. Additionally, with the rising edge of
the SCL, the ADC will transmit an acknowledge bit
(ACK = 0). The master must release the data bus dur-
ing this clock pulse to allow the MCP3221 to pull the
line low (refer to Figure 5-3).
For consecutive samples, sampling begins on the fall-
ing edge of the LSB of the conversion result, which is
two bytes long. Refer to Figure 5-6 a for timing diagram.
5.3.2
READING THE CONVERSION DATA
Once the MCP3221 acknowledges the address byte,
the device will transmit four ‘0’ bits followed by the upper
four data bits of the conversion. The master device will
then acknowledge this byte with an ACK = Low. With the
following 8 clock pulses, the MCP3221 will transmit the
lower eight data bits from the conversion. The master
then sends an ACK = high, indicating to the MCP3221
that no more data is requested. The master can then
send a stop bit to end the transmission.
FIGURE 5-5:
Executing a Conversion.
5.3.3
CONSECUTIVE CONVERSIONS
For consecutive samples, sampling begins on the fall-
ing edge of the LSB of the conversion result. See
Figure 5-6 for timing.
FIGURE 5-6:
Continuous Conversion.
SDA
S
T
A
R
T
S
T
O
P
A
C
K
tACQ + tCONV is
initiated here
Address Byte
Address bits
Device bits
10
0
1
A
R
/
W
Upper Data Byte
00
0
0 D
D
D
A
C
K
Lower Data Byte
N
A
K
S
P
11 10
2
A
1
A
0
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
12
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
SCL
SDA
fSAMP = 22.3 ksps (fCLK = 400 kHz)
A
C
K
tACQ + tCONV is
initiated here
Address Byte
Address bits
Device bits
1
0
0
1 A2 A1 A0
R
/
W
Upper Data Byte (n)
A
C
K
Lower Data Byte (n)
A
C
K
S
tACQ + tCONV is
initiated here
00
0
0 D
D
D
11 10 9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
12
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
SCL
S
T
A
R
T
0
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com