Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3221 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3221 Datasheet HTML 1Page - Microchip Technology MCP3221 Datasheet HTML 2Page - Microchip Technology MCP3221 Datasheet HTML 3Page - Microchip Technology MCP3221 Datasheet HTML 4Page - Microchip Technology MCP3221 Datasheet HTML 5Page - Microchip Technology MCP3221 Datasheet HTML 6Page - Microchip Technology MCP3221 Datasheet HTML 7Page - Microchip Technology MCP3221 Datasheet HTML 8Page - Microchip Technology MCP3221 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP3221
DS21732B-page 4
 2003 Microchip Technology Inc.
TIMING SPECIFICATIONS
FIGURE 1-1:
Standard and Fast Mode Bus Timing Data.
Electrical Characteristics: All parameters apply at VDD = 2.7V - 5.5V, VSS = GND, TAMB = -40°C to +85°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
I2C Standard Mode
Clock frequency
fSCL
0
—
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
TR
—
—
1000
ns
From V L to VIH (Note 1)
SDA and SCL fall time
TF
—
—
300
ns
From V L to VIH (Note 1)
START condition hold time
THD:STA
4000
—
—
ns
START condition setup time
TSU:STA
4700
—
—
ns
Data input setup time
TSU:DAT
250
—
—
ns
STOP condition setup time
TSU:STO
4000
—
—
ns
STOP condition hold time
THD:STD
4000
—
—
ns
Output valid from clock
TAA
—
—
3500
ns
Bus free time
TBUF
4700
—
—
ns
Note 2
Input filter spike suppression
TSP
—
—
50
ns
SDA and SCL pins (Note 1)
I2C Fast Mode
Clock frequency
FSCL
0
—
400
kHz
Clock high time
THIGH
600
—
—
ns
Clock low time
TLOW
1300
—
—
ns
SDA and SCL rise time
TR
20 + 0.1CB
—
300
ns
From V L to VIH (Note 1)
SDA and SCL fall time
TF
20 + 0.1CB
—
300
ns
From V L to VIH (Note 1)
START condition hold time
THD:STA
600
—
—
ns
START condition setup time
TSU:STA
600
—
—
ns
Data input hold time
THD:DAT
0—
0.9
ms
Data input setup time
TSU:DAT
100
—
—
ns
STOP condition setup time
TSU:STO
600
—
—
ns
STOP condition hold time
THD:STD
600
—
—
ns
Output valid from clock
TAA
—
—
900
ns
Bus free time
TBUF
1300
—
—
ns
Note 2
Input filter spike suppression
TSP
—
—
50
ns
SDA and SCL pins (Note 1)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Time the bus must be free before a new transmission can start.
TF
THIGH
VHYS
TR
TSU:STA
TSP
THD:STA
TLOW
THD:DAT
TSU:DAT
TSU:STO
TBUF
TAA
SCL
SDA
IN
SDA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com