Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 11Page - STMicroelectronics ST8034HN Datasheet HTML 12Page - STMicroelectronics ST8034HN Datasheet HTML 13Page - STMicroelectronics ST8034HN Datasheet HTML 14Page - STMicroelectronics ST8034HN Datasheet HTML 15Page - STMicroelectronics ST8034HN Datasheet HTML 16Page - STMicroelectronics ST8034HN Datasheet HTML 17Page - STMicroelectronics ST8034HN Datasheet HTML 18Page - STMicroelectronics ST8034HN Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DocID024511 Rev 2
15/31
ST8034HN, ST8034HC
Electrical characteristics
Table 8. Microcontroller interface
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
Data lines to the microcontroller (I/OUC, AUX1UC, AUX2UC pins)(2)
tD
Delay time
Falling edge on pin I/O to
falling edge on I/OUC or vice
versa
200
ns
tW(PU)
Pull-up pulse width
100
400
ns
fIO
Input/output frequency
1
MHz
CI
Input capacitance
10
pF
VOL
Output voltage low
IOL = 1 mA
0
0.3
V
VOH
Output voltage high
No load
0.9
VDD(INTF)
VDD(INTF)
+ 0.1
V
IOH  -40 A;
VDD(INTF) > 2 V
0.75
VDD(INTF)
VDD(INTF)
+ 0.1
IOH  -20 A;
VDD(INTF) < 2 V
0.75
VDD(INTF)
VDD(INTF)
+ 0.1
VIL
Input voltage low
-0.3
0.3
VDD(INTF)
V
VIH
Input voltage high
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
V
VHYS
Hysteresis
I/OUC pin
0.14
VDD(INTF)
V
IIL
Input current low
VIL = 0 V
500
A
IIH
Input current high
VIH = VDD(INTF)
10
A
RPU
Pull-up resistance to
VDD(INTF)
810
12
k
IPU
Pull-up current (one-shot
circuit active)
VOH = 0.9 VDD(INTF)
-1
mA
tR(I)
Input rise time
VIL max. to VIH min.
0.15
s
tR(O)
Output rise time
CL  30 pF, 10% to 90%, 0 V
to VDD(INTF)
0.1
s
tF(I)
Input fall time
VIL max. to VIH min.
0.15
s
tF(O)
Output fall time
CL  30 pF, 10% to 90%, 0 V
to VDD(INTF)
0.1
s
Device control inputs (CLKDIV1, CLKDIV2, RSTIN, VCC_SEL1, VCC_SEL2, CS pins)(3)
VIL
Input voltage low
-0.3
0.3
VDD(INTF)
V
VIH
Input voltage high
VDD(INTF)
VDD(INTF)
+ 0.3
V
VHYS
Hysteresis
0.14
VDD(INTF)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com