Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 19Page - STMicroelectronics ST8034HN Datasheet HTML 20Page - STMicroelectronics ST8034HN Datasheet HTML 21Page - STMicroelectronics ST8034HN Datasheet HTML 22Page - STMicroelectronics ST8034HN Datasheet HTML 23Page - STMicroelectronics ST8034HN Datasheet HTML 24Page - STMicroelectronics ST8034HN Datasheet HTML 25Page - STMicroelectronics ST8034HN Datasheet HTML 26Page - STMicroelectronics ST8034HN Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID024511 Rev 2
23/31
ST8034HN, ST8034HC
Functional description
6.6
Deep shutdown mode
When the smartcard reader is inactive, the ST8034HN and ST8034HC enter a deep
shutdown mode if the CMDVCC pin is forced high and the VCC_SEL1 and VCC_SEL2 pins
are low. In deep shutdown mode, all circuits are disabled and the OFF pin follows the status
of the PRES pin. Changing the status of either CMDVCC, VCC_SEL1 or VCC_SEL2 exits
the deep shutdown mode, see Figure 9.
Figure 9. Shutdown and deep shutdown mode activation and deactivation
6.7
Activation sequence
The following device activation sequence is applied when using an external clock, also see
Figure 10:
1.
CMDVCC is pulled low (t0).
2.
The internal oscillator is triggered (t0).
3.
The internal oscillator changes to high frequency (t1).
4.
VCC rises from 0 V to 1.8 V or to 3 V or to 5 V on a controlled slope (t2).
5.
I/O, AUX1, AUX2 are driven high (t3).
6.
The clock on the CLK output is applied to the C3 contact (t4).
7.
RST is enabled (t5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com