Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 23Page - STMicroelectronics ST8034HN Datasheet HTML 24Page - STMicroelectronics ST8034HN Datasheet HTML 25Page - STMicroelectronics ST8034HN Datasheet HTML 26Page - STMicroelectronics ST8034HN Datasheet HTML 27Page - STMicroelectronics ST8034HN Datasheet HTML 28Page - STMicroelectronics ST8034HN Datasheet HTML 29Page - STMicroelectronics ST8034HN Datasheet HTML 30Page - STMicroelectronics ST8034HN Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
DocID024511 Rev 2
27/31
ST8034HN, ST8034HC
Functional description
Figure 13. Debounce at OFF, CMDVCC, PRES and VCC pins
1. Deactivation caused by card withdrawal.
2. Deactivation caused by short-circuit on card side.
6.11
VCC_SEL pin-programmed card supply voltage (VCC)
The card supply voltage (VCC) is selected by the VCC_SEL1 and VCC_SEL2 inputs, see
Table 13.
6.12
Chip select (ST8034HC only)
The chip select (CS) input pin of the ST8034HC replaces the CLKDIV1 pin and is active
high, meaning normal operation of the device when CS is in logic high state. When the CS
pin goes low, the status of the ST8034HC device is frozen (i.e. status of control inputs
RSTIN, CMDVCC, CLKDIV, VCC_SEL1 and VCC_SEL2 is latched) and the I/OUC,
AUX1UC, and AUX2UC pins on the microcontroller interface go into high impedance mode
(with pull-up resistors to VDD(INTF)), not transferring any data to or from the card. The OFF
output pin also goes into high impedance mode. This allows the microcontroller to share
interface pins among multiple smartcard interfaces connected in parallel. Status and all the
ST8034HC device functions (including the card) are maintained for immediate use when the
CS goes high again. For this reason clock input is not affected by the chip select, the clock
is provided to the ST8034HC device and to the card even when the CS is low.
Table 13. VCC selection by VCC_SEL1, VCC_SEL2 pins
VCC_SEL1 pin level
VCC_SEL2 pin level
VCC
Low
x(1)
1. x = “don't care”. However keep in mind that combination VCC_SEL1 = VCC_SEL2 = GND and CMDVCC =
high initiates deep shutdown mode.
1.8 V
High
High
5 V
High
Low
3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com