Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 18Page - STMicroelectronics ST8034HN Datasheet HTML 19Page - STMicroelectronics ST8034HN Datasheet HTML 20Page - STMicroelectronics ST8034HN Datasheet HTML 21Page - STMicroelectronics ST8034HN Datasheet HTML 22Page - STMicroelectronics ST8034HN Datasheet HTML 23Page - STMicroelectronics ST8034HN Datasheet HTML 24Page - STMicroelectronics ST8034HN Datasheet HTML 25Page - STMicroelectronics ST8034HN Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Functional description
ST8034HN, ST8034HC
22/31
DocID024511 Rev 2
The first side on which a falling edge occurs becomes the master. An anti-latch circuit
disables falling edge detection on the other side, making it the slave. After a time delay tD,
the logic 0 present on the master side is sent to the slave side. When the master side
returns logic 1, the slave side sends logic 1 during time delay (tW(PU)). After this sequence,
both master and slave sides return to their idle states.
The active pull-up feature (one-shot circuit) ensures fast low to high transitions, making the
ST8034 outputs capable of delivering more than 1 mA, up to an output voltage of 0.9 VCC, at
a load of 80 pF. At the end of the active pull-up pulse, the output voltage is dependent on the
internal pull-up resistor value and load current. The current sent to and received from the
card's I/O lines is limited to 15 mA at a maximum frequency of 1 MHz.
6.5
Shutdown mode
After a power-on reset, if CMDVCC is high, the ST8034 enters shutdown mode, ensuring
only the minimum number of circuits are active while the ST8034 waits for the
microcontroller to start a session.
All card contacts are inactive. The impedance between the contacts and GND is
approximately 200
I/OUC, AUX1UC, AUX2UC pins are in high impedance with the 10 k
 pull-up resistor
connected to VDD(INTF)
The voltage generators are stopped
The voltage supervisor is active
The internal oscillator runs at its lowest frequency (fOSC(INT)LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com