Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 14Page - STMicroelectronics ST8034HN Datasheet HTML 15Page - STMicroelectronics ST8034HN Datasheet HTML 16Page - STMicroelectronics ST8034HN Datasheet HTML 17Page - STMicroelectronics ST8034HN Datasheet HTML 18Page - STMicroelectronics ST8034HN Datasheet HTML 19Page - STMicroelectronics ST8034HN Datasheet HTML 20Page - STMicroelectronics ST8034HN Datasheet HTML 21Page - STMicroelectronics ST8034HN Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Electrical characteristics
ST8034HN, ST8034HC
18/31
DocID024511 Rev 2
Figure 5. Definition of duty cycle and input and output rise/fall times
Duty cycle (DC) = t1 / (t1 + t2).
Table 11. Timing characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
tACT
Activation time
See Figure 10 on
page 24
2090
4160
µs
tDEACT
Deactivation time
See Figure 11 on
page 25
35
90
250
µs
tD(START),
tD(END)
Delay time, CLK sent to card using an
external clock
tD(START) = t3,
see Figure 10 on
page 24
2090
4112
µs
tD(END) = t5,
see Figure 10 on
page 24
2120
4160
tDEB
Debounce time
PRES pin
3.2
4.5
6.4
ms
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com