Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 13Page - STMicroelectronics ST8034HN Datasheet HTML 14Page - STMicroelectronics ST8034HN Datasheet HTML 15Page - STMicroelectronics ST8034HN Datasheet HTML 16Page - STMicroelectronics ST8034HN Datasheet HTML 17Page - STMicroelectronics ST8034HN Datasheet HTML 18Page - STMicroelectronics ST8034HN Datasheet HTML 19Page - STMicroelectronics ST8034HN Datasheet HTML 20Page - STMicroelectronics ST8034HN Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID024511 Rev 2
17/31
ST8034HN, ST8034HC
Electrical characteristics
Table 9. Clock circuits
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
Internal oscillator
fOSC(INT)LOW
Internal oscillator frequency
Shutdown mode
100
150
200
kHz
fOSC(INT)
Active state
2
2.7
3.2
MHz
Crystal oscillator (XTAL1 and XTAL2 pins)
CEXT
External capacitances
XTAL1 and XTAL2 to GND
(according to the crystal or
resonator specification)
15
pF
fXTAL
External crystal frequency
Card clock reference,
crystal oscillator
226
MHz
fEXT
External clock frequency
External clock on XTAL1
0.032
26
MHz
tR(fEXT)
External clock frequency rise time External clock on XTAL1
10
ns
tF(fEXT)
External clock frequency fall time External clock on XTAL1
10
ns
VIL
Input voltage low
Crystal oscillator
-0.3
0.3 VDD
V
External clock on XTAL1
-0.3
0.3
VDD(INTF)
VIH
Input voltage high
Crystal oscillator
0.7 VDD
VDD + 0.3
V
External clock on XTAL1
0.7
VDD(INTF)
VDD(INTF)
+ 0.3
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
Table 10. Protection characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
IOLIM
Output current limit(2)
I/O pin
-15
15
mA
CLK pin
-70
70
RST pin
-20
20
ISD(VCC)
Limit and shutdown card supply
current
VCC pin
90
120
150
mA
TSD
Shutdown junction temperature
150
°C
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
2. All card contacts are protected against short-circuit to any other card contact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com