Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034HN Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST8034HN
Description  24-pin smartcard interfaces
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034HN Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST8034HN Datasheet HTML 21Page - STMicroelectronics ST8034HN Datasheet HTML 22Page - STMicroelectronics ST8034HN Datasheet HTML 23Page - STMicroelectronics ST8034HN Datasheet HTML 24Page - STMicroelectronics ST8034HN Datasheet HTML 25Page - STMicroelectronics ST8034HN Datasheet HTML 26Page - STMicroelectronics ST8034HN Datasheet HTML 27Page - STMicroelectronics ST8034HN Datasheet HTML 28Page - STMicroelectronics ST8034HN Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
DocID024511 Rev 2
25/31
ST8034HN, ST8034HC
Functional description
Time delays
t11 = t10 + 3T / 64
t12 = t11 + T / 2
t13 = t11 + T
t14 = t11 + 3T / 2
tDEACT = t11 + 3T / 2 + VCC fall time.
T = 64 x 1/fOSC(INT).
Figure 11. Deactivation sequence
6.9
VCC generator
The LDO on the VCC output is capable of supplying up to 65 mA continuously at any
selected VCC value (5 V, 3 V or 1.8 V). This output is overcurrent protected by the current
limiter with a limit threshold value of 120 mA typ., with a glitch immunity allowing overcurrent
pulses up to 200 mA with duration up to several microseconds not causing a deactivation
(the average current value must stay below the specified current limit, see Table 6 on
page 11 and Table 10 on page 17).
A 100 nF capacitor (min.) with ESR < 350 m
 should be tied to GND near the VCC pin and
another low ESR 100 nF capacitor (min.) should be tied to GND also on the card side, near
the card reader contact C1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com